Electronic Components Datasheet Search
  English  ▼

X  

XTPSM81033VCDR Datasheet(PDF) 11 Page - Texas Instruments

Part # XTPSM81033VCDR
Description  TPSM81033 5.5V, 5.5A, 2.4MHz, Synchronous Boost Power Module with MagPack™ Packaging Technology, Power Good Indicator and Output Discharge Function
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTPSM81033VCDR Datasheet(HTML) 11 Page - Texas Instruments

Back Button XTPSM81033VCDR Datasheet HTML 7Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 8Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 9Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 10Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 11Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 12Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 13Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 14Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
7.2.2 Detailed Design Procedure
7.2.2.1 Setting the Output Voltage
The output voltage is set by an external resistor divider (R1, R2 in Figure 7-1). When the output voltage is
regulated, the typical voltage at the FB pin is VREF. Thus the resistor divider is determined by Equation 2.
OUT
REF
V
R1
1
R2
V
§
·
u
¨
¸
©
¹
(2)
where
• VOUT is the regulated output voltage
• VREF is the internal reference voltage at the FB pin
For the best accuracy, keep R2 smaller than 300kΩ to ensure the current flowing through R2 is at least 100
times larger than the FB pin leakage current. Changing R2 towards a lower value increases the immunity against
noise injection. Changing the R2 towards a higher value reduces the quiescent current for achieving highest
efficiency at low load currents.
7.2.2.2 Output Capacitor Selection
The output capacitor is mainly selected to meet the requirements for output ripple and loop stability. The ripple
voltage is related to capacitor capacitance and its equivalent series resistance (ESR). Assuming a ceramic
capacitor with zero ESR, the minimum capacitance needed for a given ripple voltage can be calculated by
Equation 3.
OUT
MAX
OUT
SW
RIPPLE
I
D
C
f
V
u
u
(3)
where
• DMAX is the maximum switching duty cycle
• VRIPPLE is the peak-to-peak output ripple voltage
• IOUT is the maximum output current
• fSW is the switching frequency
The ESR impact on the output ripple must be considered if tantalum or aluminum electrolytic capacitors are
used. The output peak-to-peak ripple voltage caused by the ESR of the output capacitors can be calculated by
Equation 4.
RIPPLE(ESR)
L(P)
ESR
V
I
R
u
(4)
Take care when evaluating the derating of a ceramic capacitor under dc bias voltage, aging, and ac signal. For
example, the dc bias voltage can significantly reduce capacitance. A ceramic capacitor can lose more than 50%
of its capacitance at its rated voltage. Therefore, always leave margin on the voltage rating to ensure adequate
capacitance at the required output voltage. Increasing the output capacitor makes the output ripple voltage
smaller in PWM mode.
TI recommends using the X5R or X7R ceramic output capacitor in the range of 4μF to 1000μF effective
capacitance when output current is lower than 1A, and 10μF to 1000μF effective capacitance when output
current is higher than 1A. The output capacitor affects the small signal control loop stability of the boost
regulator. If the output capacitor is below the range, the boost regulator can potentially become unstable.
Increasing the output capacitor makes the output ripple voltage smaller in PWM mode.
For large output capacitance more than 40μF application, TI recommends a feedforward capacitor to set the
zero frequency (fFFZ) to 1kHz.
www.ti.com
TPSM81033
SLVSHL0B – JUNE 2024 – REVISED JULY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TPSM81033



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com