Electronic Components Datasheet Search
  English  ▼

X  

XTPSM81033VCDR Datasheet(PDF) 7 Page - Texas Instruments

Part # XTPSM81033VCDR
Description  TPSM81033 5.5V, 5.5A, 2.4MHz, Synchronous Boost Power Module with MagPack™ Packaging Technology, Power Good Indicator and Output Discharge Function
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTPSM81033VCDR Datasheet(HTML) 7 Page - Texas Instruments

Back Button XTPSM81033VCDR Datasheet HTML 3Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 4Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 5Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 6Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 7Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 8Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 9Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 10Page - Texas Instruments XTPSM81033VCDR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
6.3 Feature Description
6.3.1 Undervoltage Lockout
The TPSM81033 has a built-in undervoltage lockout (UVLO) circuit to ensure the device working properly. When
the analog input voltage (AVIN) is above the UVLO rising threshold of 1.7V (typical), the TPSM81033 can be
enabled to boost the output voltage. The device is disabled when the falling voltage at the AVIN pin trips the
UVLO falling threshold, which is 1.6V (typical). A hysteresis of 100mV (typical) is added so that the device
cannot be enabled again until the input voltage exceeds 1.7V (typical). This function is implemented to prevent
the device from malfunctioning when the input voltage is between UVLO rising and falling threshold.
6.3.2 Enable and Soft Start
When the input voltage is above the UVLO rising threshold and the EN pin is pulled to a voltage above 1.2V,
the TPSM81033 is enabled and starts up. To minimize the inrush current during start up, the TPSM81033 has
a soft start up function. At the beginning, the TPSM81033 enters pre-charge phase and charges the output
capacitors with a current of approximately 330mA when the output voltage is below 0.4V. When the output
voltage is charged above 0.4V, the output current is changed to having output current capability to drive the 2Ω
resistance load. To minimize the inrush current further, the TPSM810333 has a maximum pre-charge current
of 900mA(typical). After the output voltage reaches the input voltage, the TPSM81033 starts switching, and the
reference voltage ramps up a 0.8mV/μs. When the voltage at the EN pin is below 0.4V, the internal enable
comparator turns the device into shutdown mode. In the shutdown mode, the device is entirely turned off. The
output is disconnected from input power supply.
6.3.3 Setting the Output Voltage
There are two ways to set the output voltage of the TPSM81033: adjustable or fixed. If the FB is connected to
VIN, the TPSM81033 works as a fixed 5.0V output voltage version, the TPSM81033 uses the internal resistor
divider.
The output voltage is also can be set by an external resistor divider (R1, R2 in Figure 7-1). When the output
voltage is regulated, the typical voltage at the FB pin is VREF. Thus the resistor divider is determined by Equation
2.
OUT
REF
V
R1
1
R2
V
§
·
u
¨
¸
©
¹
(1)
where
• VOUT is the regulated output voltage
• VREF is the internal reference voltage at the FB pin
6.3.4 Pass-Through Operation
When the input voltage is higher than the setting output voltage, the output voltage is higher than the target
regulation voltage, the device works in pass-through mode. When the output voltage is 101% of the setting
target voltage, the TPSM81033 stops switching and fully turns on the high-side PMOS FET. The output voltage
is the input voltage minus the voltage drop across the DCR of the inductor and the RDS(on) of the PMOS FET.
When the output voltage drops below the 97% of the setting target voltage as the input voltage declines or the
load current increases, the TPSM81033 resumes switching again to regulate the output voltage.
6.3.5 Power Good Indicator
The TPSM81033 integrates a power good indicator to simplify sequencing and supervision. The power-good
output consists of an open-drain NMOS, requiring an external pullup resistor connect to a suitable voltage
supply. The PG pin goes high with a typical 1.3ms delay time after VOUT is between 93% (typical) and 107%
(typical) of the target output voltage. When the output voltage is out of the target output voltage window, the PG
pin immediately goes low with a 33μs deglitch filter delay. This deglitch filter also prevents any false pulldown of
the PGOOD due to transients. When EN is pulled low, the PG pin is also forced low with a 33μs deglitch filter
delay. If not used, the PG pin can be left floating or connected to GND.
www.ti.com
TPSM81033
SLVSHL0B – JUNE 2024 – REVISED JULY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TPSM81033



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com