Electronic Components Datasheet Search
  English  ▼

X  

LAN8804 Datasheet(PDF) 25 Page - Microchip Technology

Part # LAN8804
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8804 Datasheet(HTML) 25 Page - Microchip Technology

Back Button LAN8804 Datasheet HTML 21Page - Microchip Technology LAN8804 Datasheet HTML 22Page - Microchip Technology LAN8804 Datasheet HTML 23Page - Microchip Technology LAN8804 Datasheet HTML 24Page - Microchip Technology LAN8804 Datasheet HTML 25Page - Microchip Technology LAN8804 Datasheet HTML 26Page - Microchip Technology LAN8804 Datasheet HTML 27Page - Microchip Technology LAN8804 Datasheet HTML 28Page - Microchip Technology LAN8804 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 91 page
background image
LAN8804
© 2024 Microchip Technology Inc. and its subsidiaries
DS00003591G-page 25
3.3.5
LED POLARITY (PORT[3:0]_LED[2:1]_POL)
The
PORT[3:0]_LED[2:1]_POL configuration straps set the default polarity of the LED pins. When a LED pin is used as
a function mode strap (for example a PHY address bit), the default LED pin polarity is automatically selected based on
the inverse of the strap value. A LED, via a resistor, is then used as a pull-up or pull-down. This is shown in Figure 3-2.
LED operation is described in Section 5.17, "LEDs".
FIGURE 3-2:
STRAP ON LED WITH POLARITY
Functional Strap = 0
LED output = Active High (LEDPOL strap = 1)
VDDIO
Functional Strap = 1
LED output = Active Low (LEDPOL strap = 0)
LED / strap pin
LED / strap pin
supplemental
resistor to
ensur e a valid
low level
dur ing strap
load
220
220
10K
10K
supplemental
resistor to
ensure a valid
high level
dur ing strap
load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com