Electronic Components Datasheet Search
  English  ▼

X  

LAN8804 Datasheet(PDF) 37 Page - Microchip Technology

Part # LAN8804
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8804 Datasheet(HTML) 37 Page - Microchip Technology

Back Button LAN8804 Datasheet HTML 33Page - Microchip Technology LAN8804 Datasheet HTML 34Page - Microchip Technology LAN8804 Datasheet HTML 35Page - Microchip Technology LAN8804 Datasheet HTML 36Page - Microchip Technology LAN8804 Datasheet HTML 37Page - Microchip Technology LAN8804 Datasheet HTML 38Page - Microchip Technology LAN8804 Datasheet HTML 39Page - Microchip Technology LAN8804 Datasheet HTML 40Page - Microchip Technology LAN8804 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 91 page
background image
LAN8804
© 2024 Microchip Technology Inc. and its subsidiaries
DS00003591G-page 37
5.8
Energy Efficient Ethernet (EEE)
The device implements Energy Efficient Ethernet (EEE) as described in IEEE Standard 802.3az. The specification is
defined around an EEE-compliant MAC on the host side and an EEE-compliant link partner on the line side that support
the special signaling associated with EEE. EEE saves power by keeping the AC signal on the copper Ethernet cable at
approximately 0V peak-to-peak as often as possible during periods of no traffic activity, while maintaining the link-up
status. This is referred to as Low Power Idle (LPI) mode or state.
As set by the
MODE_SEL[4:0] configuration straps, the device has the EEE function enabled or disabled as the power-
up default setting. The EEE function can be enabled or disabled by setting or clearing the following EEE advertisement
bits in the EEE Advertisement register (MDIO Manageable Device (MMD) Address 7h, register 3Ch), followed by restart-
ing auto-negotiation (writing a ‘1’ to the Basic Control register, bit[9]):
• 1000BASE-T EEE (bit[2]) = ‘0/1’
// Disable/Enable 1000 Mbps EEE mode
• 100BASE-TX EEE (bit[1]) = ‘0/1’
// Disable/Enable 100 Mbps EEE mode
During LPI mode, the copper link responds automatically when it receives traffic and resumes normal PHY operation
immediately, without blockage of traffic or loss of packet. This involves exiting LPI mode and returning to normal 100/
1000 Mbps operating mode. Wake-up times are <16 µs for 1000BASE-T and <30 µs for 100BASE-TX. The LPI state is
controlled independently for transmit and receive paths, allowing the LPI state to be active (enabled) for:
• Transmit cable path only
• Receive cable path only
• Both transmit and receive cable paths
During LPI mode, refresh transmissions are used to maintain the link; power savings occur in quiet periods. Approxi-
mately every 20 to 22 milliseconds, a refresh transmission of 200 to 220 microseconds is sent to the link partner. The
refresh transmissions and quiet periods are shown in Figure 5-2.
5.8.1
TRANSMIT DIRECTION CONTROL (MAC-TO-PHY)
The PHY enters the LPI Sleep state for the transmit direction when the attached EEE-compliant MAC asserts the LPI
opcode toward the PHY. The PHY remains in the transmit LPI Sleep state until the attached EEE-compliant MAC asserts
a non-LPI opcode toward the PHY. While in the LPI Sleep state, the PHY will periodically send Refreshes to the EEE-
compliant Link Partner to maintain the Link, clock recovery, etc.
5.8.2
RECEIVE DIRECTION CONTROL (PHY-TO-MAC)
The PHY enters LPI mode for the receive direction when it receives the /P/ code bit pattern (Sleep/Refresh) from its
EEE-compliant Link Partner. The PHY will pass the Sleep Request to the attached EEE-compliant MAC. The PHY
remains in the receive LPI Sleep state while it continues to receive Refreshes from its Link Partner, and it will continue
to inform the attached EEE-compliant MAC that it is in the receive LPI Sleep state. When the PHY receives a non /P/
code bit pattern (non-refresh), it exits the receive LPI Sleep state and signals a normal frame or normal idle to the
attached EEE-compliant MAC.
FIGURE 5-2:
LPI MODE (REFRESH TRANSMISSIONS AND QUIET PERIODS)
ACTIVE
QUIET
QUIET
QUIET
LOW-POWER
ACTIVE
TS
TQ
TR
TW_PHY
TW_SYSTEM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com