Electronic Components Datasheet Search
  English  ▼

X  

LAN8804 Datasheet(PDF) 60 Page - Microchip Technology

Part # LAN8804
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8804 Datasheet(HTML) 60 Page - Microchip Technology

Back Button LAN8804 Datasheet HTML 56Page - Microchip Technology LAN8804 Datasheet HTML 57Page - Microchip Technology LAN8804 Datasheet HTML 58Page - Microchip Technology LAN8804 Datasheet HTML 59Page - Microchip Technology LAN8804 Datasheet HTML 60Page - Microchip Technology LAN8804 Datasheet HTML 61Page - Microchip Technology LAN8804 Datasheet HTML 62Page - Microchip Technology LAN8804 Datasheet HTML 63Page - Microchip Technology LAN8804 Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 91 page
background image
LAN8804
DS00003591G-page 60
© 2024 Microchip Technology Inc. and its subsidiaries
4 ports + QSGMII, 10BASE-Te full-duplex,
100% utilization
106
261
10.5
1019
4 ports + QSGMII, 1000BASE-T Master,
EEE Sleep state
213
396
8.1
1579
4 ports + QSGMII, 1000BASE-T Slave,
EEE Sleep state
213
396
8.1
1578
4 ports + QSGMII, 100BASE-TX,
EEE Sleep state
138
237
11.7
979
4 ports + QSGMII,
Energy Detect Power Down mode, QSGMII up
90
31
0.7
207
4 ports + QSGMII,
Software Power Down mode, QSGMII up
77
26
0.7
177
4 ports + QSGMII,
Software Power Down mode, QSGMII down
24
11
0.7
66
4 ports + QSGMII,
hardware reset
15
15
0.5
68
TABLE 6-2:
MINIMUM FOUR PORT (1.16V, 2.5V, 2.5V) POWER CONSUMPTION
Device Conditions
1.16V
Total (mA)
(Note 6-3)
2.5V VDDAH
Total (mA)
(Note 6-4)
2.5V VDDIO
Total (mA)
(Note 6-5)
Total Device
Power (mW)
4 ports + QSGMII, 1000BASE-T Master link-up,
no traffic
750
475
4.0
2067
4 ports + QSGMII, 1000BASE-T Slave link-up,
No traffic
749
475
4.1
2067
4 ports + QSGMII, 100BASE-TX link-up,
no traffic
254
228
5.3
878
4 ports + QSGMII, 10BASE-T link-up,
no traffic
109
186
8.6
613
4 ports + QSGMII, 10BASE-Te link-up,
no traffic
108
186
8.5
610
4 ports + QSGMII, 1000BASE-T Master full-duplex,
100% utilization
776
475
2.6
2093
4 ports + QSGMII, 1000BASE-T Slave full-duplex,
100% utilization
777
475
2.7
2094
4 ports + QSGMII, 100BASE-TX full-duplex,
100% utilization
252
228
3.0
870
TABLE 6-1:
MINIMUM FOUR PORT (1.16V, 3.3V, 3.3V) POWER CONSUMPTION (CONTINUED)
Device Conditions
1.16V
Total (mA)
(Note 6-3)
3.3V VDDAH
Total (mA)
(Note 6-4)
3.3V VDDIO
Total (mA)
(Note 6-5)
Total Device
Power (mW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com