Electronic Components Datasheet Search
  English  ▼

X  

LAN8804 Datasheet(PDF) 54 Page - Microchip Technology

Part # LAN8804
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8804 Datasheet(HTML) 54 Page - Microchip Technology

Back Button LAN8804 Datasheet HTML 50Page - Microchip Technology LAN8804 Datasheet HTML 51Page - Microchip Technology LAN8804 Datasheet HTML 52Page - Microchip Technology LAN8804 Datasheet HTML 53Page - Microchip Technology LAN8804 Datasheet HTML 54Page - Microchip Technology LAN8804 Datasheet HTML 55Page - Microchip Technology LAN8804 Datasheet HTML 56Page - Microchip Technology LAN8804 Datasheet HTML 57Page - Microchip Technology LAN8804 Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 91 page
background image
LAN8804
DS00003591G-page 54
© 2024 Microchip Technology Inc. and its subsidiaries
5.19 Power Management
The device incorporates a number of power-management modes and features that provide methods to consume less
energy. These are discussed in the following sections.
5.19.1
SMART POWER SAVING
For shorter cable lengths (< ~70 meters) the SNR is sufficiently high to allow the reduction of ADC resolution as well as
DSP taps. Based on the detected cable length, the device automatically reduces power consumption by approximately
20 mW.
5.19.2
ENERGY-DETECT POWER-DOWN MODE
The device supports an Energy-Detect Power-Down (EDPD) mode to save power when there is no link partner sending
signals.
In EDPD mode, the device shuts down all transceiver blocks, except for the transmitter and energy detect circuits.
Power can be reduced further by extending the time interval between the transmissions of link pulses to check for the
presence of a link partner. The periodic transmission of link pulses is needed to ensure the device and its link partner,
when operating in the same low-power state and with Auto-MDI/MDI-X disabled, can wake up when the cable is con-
nected between them.
By default, EDPD mode is disabled after power-up. EDPD is enabled by setting the p_edpd_en bit in the EDPD Control
register within the MMD address space.
EDPD operation may be adjusted via the p_edpd_mask_timer[1:0], p_edpd_timer[1:0], and p_EDPD_random_dis fields
in the EDPD Control register within the MMD address space.
The energy detection change status can be read from the Interrupt Status register. The current energy detection status
can be read from the EDPD low power bit in the Analog Control Register 8.
While the p_edpd_en bit is set, the cable link status will be down, and the energy detection normally monitors pairs A
and B for energy. If the link speed is forced to 1000 Mbps (by disabling auto-negotiation and setting the speed manually),
the energy detection monitors all four pairs. For cable diagnostic purposes, individual wire pairs may be monitored by
forcing the link speed to 1000 Mbps and selecting the wire pair using the EDPD Wire Pair Selection bits in the Analog
Control Register 8.
The device’s PLL is normally enabled during EDPD. It can be set to be disabled during EDPD by setting the DGT_ed-
pd_pll_dis bit in MMD31 Register 19.
Normally, previous register setting are maintained when EDPD mode is cleared. With the PLL disabled, a device reset
occurs following the removal of EDPD (or if the DGT_edpd_pll_dis bit is cleared during EDPD), in which case register
settings will return to their defaults.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com