Electronic Components Datasheet Search
  English  ▼

X  

MCP60713 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP60713
Description  10 MHz Precision Op Amps
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP60713 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP60713 Datasheet HTML 4Page - Microchip Technology MCP60713 Datasheet HTML 5Page - Microchip Technology MCP60713 Datasheet HTML 6Page - Microchip Technology MCP60713 Datasheet HTML 7Page - Microchip Technology MCP60713 Datasheet HTML 8Page - Microchip Technology MCP60713 Datasheet HTML 9Page - Microchip Technology MCP60713 Datasheet HTML 10Page - Microchip Technology MCP60713 Datasheet HTML 11Page - Microchip Technology MCP60713 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
MCP60711/1U/3
DS20006870A-page 8
 2024 Microchip Technology Inc. and its subsidiaries
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, TA =25°C, VDD = 3.5V, VSS = GND, VCM =0.1V, VOUT =VDD/2, VL =VDD/2,
RL =5kΩ to VL and CL =30pF.
2.1
DC Input Precision
FIGURE 2-1:
Input Offset Voltage.
FIGURE 2-2:
Input Offset Voltage Drift.
FIGURE 2-3:
Input Offset Voltage
Quadratic Temp. Co.
FIGURE 2-4:
Input Offset Voltage vs.
Power Supply Voltage, with VCM =0.1V.
FIGURE 2-5:
Input Offset Voltage vs.
Power Supply Voltage, with VCM =VDD –0.5V.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0%
2%
4%
6%
8%
10%
12%
14%
16%
-100 -80 -60 -40 -20
0
20
40
60
80 100
Input Offset Voltage (μV)
V
DD = 3.5V
T
A = 25°C
410 Parts
V
CM = 0.1V
V
CM = 3.0V
0%
2%
4%
6%
8%
10%
12%
14%
16%
18%
20%
-1.6
-1.2
-0.8
-0.4
0.0
0.4
0.8
1.2
1.6
Input Offset Voltage Drift (μV/°C)
V
DD = 3.5V
T
A = -40°C to 125°C
410 Parts
V
CM = 3.0V
V
CM = 0.1V
0%
5%
10%
15%
20%
25%
30%
-8
-6
-4
-2
0
2
4
6
8
Input Offset Voltage Quadratic Temp. Co.
(nV/°C2)
V
DD = 3.5V
T
A = -40°C to 125°C
410 Parts
V
CM = 0.1V
V
CM = 3.0V
-100
-80
-60
-40
-20
0
20
40
60
80
100
1.0
1.5
2.0 2.5
3.0
3.5
4.0
4.5 5.0
5.5
6.0
Power Supply Voltage (V)
T
A = 125°C
T
A = 85°C
T
A = 25°C
T
A = -40°C
Representative Part
V
DD = 3.5V
V
CM = 0.1V
-250
-200
-150
-100
-50
0
50
100
150
200
250
1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
Power Supply Voltage (V)
Representative Part
V
DD = 3.5V
V
CM = VDD –0.5V
T
A = 125°C
T
A = 85°C
T
A = 25°C
T
A = -40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com