Electronic Components Datasheet Search
  English  ▼

X  

SC26C198 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # SC26C198
Description  Octal UART with TTL compatibility at 3.3V and 5V supply voltages
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC26C198 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button SC26C198 Datasheet HTML 36Page - NXP Semiconductors SC26C198 Datasheet HTML 37Page - NXP Semiconductors SC26C198 Datasheet HTML 38Page - NXP Semiconductors SC26C198 Datasheet HTML 39Page - NXP Semiconductors SC26C198 Datasheet HTML 40Page - NXP Semiconductors SC26C198 Datasheet HTML 41Page - NXP Semiconductors SC26C198 Datasheet HTML 42Page - NXP Semiconductors SC26C198 Datasheet HTML 43Page - NXP Semiconductors SC26C198 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 49 page
background image
Philips Semiconductors
Product specification
SC26C198 SC68C198
SC26L198 SC68L198
Octal UART with TTL compatibility at 3.3V
and 5V supply voltages
1995 May 1
375
AC ELECTRICAL CHARACTERISTICS (26C198 and 68C198) (Continued)
SYMBOL
FIGURE
PARAMETER
LIMITS
UNIT
SYMBOL
FIGURE
PARAMETER
MIN
TYP
MAX
UNIT
X1 / X2 COMMUNICATION CRYSTAL CLOCK2
Fx1
X1 clock frequency
0
3.6864
8.0
MHz
X1 L / H
X1 Low / High time
20
ns
T/RFx1
X1 Rise / Fall time
10/10
ns
COUNTER / TIMER BAUD RATE CLOCK (EXTERNAL CLOCK INPUT)
FC/T
Clock frequency
0
8
MHz
TC/TLH
C/T high and low time
30
ns
TC/TO
Delay C/T clock external to output pin
60
ns
DACKN TIMING4
DAKdly
DACK low from Sclk C4 rising edge
25
ns
DAKdlya
DACK high from CEN high (ASYNC)
28
40
ns
DAKdlys
DACK high from C4 end rising edge (SYNC)
28
40
ns
I/O PORT External Clock
Tgpirtx
GPI to Rx/Tx clock out
TBD
ns
RxD setup to I/OP rising edge 1X mode
TBD
ns
I/OP falling edge to TxD out 1X mode
TBD
ns
Gout TIMING
GPOtdd
GPO valid after write to GPOR
TBD
ns
NOTES:
1. The ASYNC pulse width low must include 4 rising edges plus the setup & hold times. For those applications where the control processor
has no knowledge of the Sclk period, this will imply a CEN period of 5 Sclk rising edges.
2. Production test will use rise and fall time less than 7ns. Specified rise and fall times are guaranteed by design.
3. Sclk is required for proper bus timing. Sclk must always be faster than twice the fastest 1X data clock.
4. The meaning of DACKN is that data will be valid before the end of the C4 time.
5. All voltage measurements are relative to gnd. Input and output levels are those shown in “DC Electrical Specifications”. For testing, inputs
switch between 0.2 and 2.8V; outputs are measured between 0.8 and 2.0V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com