Electronic Components Datasheet Search
  English  ▼

X  

SC26C198 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # SC26C198
Description  Octal UART with TTL compatibility at 3.3V and 5V supply voltages
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC26C198 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button SC26C198 Datasheet HTML 28Page - NXP Semiconductors SC26C198 Datasheet HTML 29Page - NXP Semiconductors SC26C198 Datasheet HTML 30Page - NXP Semiconductors SC26C198 Datasheet HTML 31Page - NXP Semiconductors SC26C198 Datasheet HTML 32Page - NXP Semiconductors SC26C198 Datasheet HTML 33Page - NXP Semiconductors SC26C198 Datasheet HTML 34Page - NXP Semiconductors SC26C198 Datasheet HTML 35Page - NXP Semiconductors SC26C198 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
Philips Semiconductors
Product specification
SC26C198 SC68C198
SC26L198 SC68L198
Octal UART with TTL compatibility at 3.3V
and 5V supply voltages
1995 May 1
367
UART F
01010000 (x50)
Mode Register 0 MR0f
Mode Register 0 MR0f
01010001 (x51)
Mode Register 1 MR1f
Mode Register 1 MR1f
01010010 (x52)
I/OPort Configuration Reg f I/OPCRf
I/OPort Configuration Reg f I/OPCRf
01010011 (x53)
BCRBRKf
BCRBRKf
01010100 (x54)
BCRCOSf
BCRCOSf
01010101 (x55)
Reserved
Reserved
01010110 (x56)
BCRXf
BCRXf
01010111 (x57)
BCRAf
BCRAf
01011000 (x58)
Xon Character Reg f (XonCRf)
Xon Character Reg f (XonCRf)
01011001 (x59)
Xoff Character Reg f (XoffCRf)
Xoff Character Reg f (XoffCRf)
01011010 (x5A)
Address Recognition Char f (ARCRf)
Address Recognition Char f (ARCRf)
01011011 (x5B)
Reserved
Reserved
01011100 (x5C)
Receiver Clock Select Register f (RxCSRf)
Receiver Clock Select Register f (RxCSRf)
01011101 (x5D)
Reserved
Reserved
01011110 (x5E)
Xmit Clock Select Register f (TxCSRf)
Xmit Clock Select Register f (TxCSRf)
01011111 (x5F)
Reserved
Reserved
A(7:0)
Read
Write
UART G
01100000 (x60)
Mode Register 0 MR0g
Mode Register 0 MR0g
01100001 (x61)
Mode Register 1 MR1g
Mode Register 1 MR1g
01100010 (x62)
I/OPort Configuration Reg g I/OPCRg
I/OPort Configuration Reg g I/OPCRg
01100011 (x63)
BCRBRKg
BCRBRKg
01100100 (x64)
BCRCOSg
BCRCOSg
01100101 (x65)
Reserved
Reserved
01100110 (x66)
BCRXg
BCRXg
01100111 (x67)
BCRAg
BCRAg
01101000 (x68)
Xon Character Reg g (XonCRg)
Xon Character Reg g (XonCRg)
01101001 (x69)
Xoff Character Reg g (XoffCRg)
Xoff Character Reg g (XoffCRg)
01101010 (x6A)
Address Recognition Char g (ARCRg)
Address Recognition Char g (ARCRg)
01101011 (x6B)
Reserved
Reserved
01101100 (x6C)
Receiver Clock Select Register g (RxCSRg)
Receiver Clock Select Register g (RxCSRg)
01101101 (x6D)
Reserved
Reserved
01101110 (x6E)
Xmit Clock Select Register g (TxCSRg)
Xmit Clock Select Register g (TxCSRg)
01101111 (x6F)
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com