Electronic Components Datasheet Search
  English  ▼

X  

SC26C198 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # SC26C198
Description  Octal UART with TTL compatibility at 3.3V and 5V supply voltages
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC26C198 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button SC26C198 Datasheet HTML 19Page - NXP Semiconductors SC26C198 Datasheet HTML 20Page - NXP Semiconductors SC26C198 Datasheet HTML 21Page - NXP Semiconductors SC26C198 Datasheet HTML 22Page - NXP Semiconductors SC26C198 Datasheet HTML 23Page - NXP Semiconductors SC26C198 Datasheet HTML 24Page - NXP Semiconductors SC26C198 Datasheet HTML 25Page - NXP Semiconductors SC26C198 Datasheet HTML 26Page - NXP Semiconductors SC26C198 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 49 page
background image
Philips Semiconductors
Product specification
SC26C198 SC68C198
SC26L198 SC68L198
Octal UART with TTL compatibility at 3.3V
and 5V supply voltages
1995 May 1
358
IMR[7] – Controls if a change of state in the inputs equipped with
input change detectors will cause an interrupt.
IMR[6] – Controls the generation of an interrupt by the watch-dog
timer event. If set, a count of 64 idle bit times in the receiver will
begin interrupt arbitration.
IMR[5] – Enables the generation of an interrupt in response to
changes in the Address Recognition circuitry of the Special Mode
(multi-drop or wake–up mode).
IMR[4] – Enables the generation of an interrupt in response to
recognition of an in–band flow control character.
IMR[3] – Reserved
IMR[2] – Enables the generation of an interrupt when a Break
condition has been detected by the channel receiver.
IMR[1] – Enables the generation of an interrupt when servicing for
the RxFIFO is desired.
IMR[0] – Enables the generation of an interrupt when servicing for
the TxFIFO is desired.
Table 13. RxFIFO Receiver FIFO
Bit[10]
Bit[9]
Bit[8]
Bits [7:0]
Break
Received
Status
Framing
Error
Status
Parity
Error
Status
8 data bits
MSBs =0 for 7,6,5 bit
data
The FIFO for the receiver is 11 bits wide and 16 ”words” deep. The
status of each byte received is stored with that byte and is moved
along with the byte as the characters are read from the FIFO. The
upper three bits are presented in the STATUS register and they
change in the status register each time a data byte is read from the
FIFO. Therefor the status register should be read BEFORE the byte
is read from the RxFIFO if one wishes to ascertain the quality of the
byte
The forgoing applies to the ”character error” mode of status
reporting. See MR1[5] and ”RxFIFO Status” descriptions for ”block
error” status reporting. Briefly ”Block Error” gives the accumulated
error of all bytes received in the RxFIFO since the last “Reset Error”
command was issued. (CR = x’04)
Table 14. TxFIFO – Transmitter FIFO
Bits 7:0
8 data bits. MSBs set to 0 for 7, 6, 5 bit data
The FIFO for the transmitter is 8 bits wide by 16 bytes deep. For
character lengths less than 8 bits the upper bits will be ignored by
the transmitter state machine and thus are effectively discarded.
Table 15. BCRBRK – Bidding Control Register –
Break Change
Bits 7:3
Bits 2:0
Reserved
MSB of break change interrupt bid
This register provides the 3 MSBs of the Interrupt Arbitration number
for a break change interrupt.
Table 16. BCRCOS – Bidding Control Register –
Change of State
Bits 7:3
Bits 2:0
Reserved
MSB of a COS interrupt bid
Read as x’0
This register provides the 3 MSBs of the Interrupt Arbitration number
for a Change of State, COS, interrupt.
Table 17. BCRx – Bidding Control Register – Xon
Bits 7:3
Bits 2:0
Reserved
MSB of an Xon/Xoff interrupt bid
This register provides the 3 MSBs of the Interrupt Arbitration number
for an Xon/Xoff interrupt.
Table 18. BCRA – Bidding Control Register –
Address
Bits 7:3
Bits 2:0
Reserved
MSB of an address recognition event
interrupt bid
This register provides the 3 MSBs of the Interrupt Arbitration number
for an address recognition event interrupt.
Table 19. XonCR – Xon Character Register
Bits 7:0
8 Bits of the Xon Character Recognition
An 8 bit character register that contains the compare value for an
Xon character.
Table 20. XoffCR – Xoff Character Register
Bits 7:0
8 Bits of the Xoff Character Recognition
An 8 bit character register that contains the compare value for an
Xoff character.
Table 21. ARCR – Address Recognition Character
Register
Bits 7:0
8 Bits of the Multi–Drop Address Character Recognition
An 8 bit character register that contains the compare value for the
wake–up address character



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com