Electronic Components Datasheet Search
  English  ▼

X  

DS28EC20 Datasheet(PDF) 18 Page - Analog Devices

Part # DS28EC20
Description  20Kb 1-Wire EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DS28EC20 Datasheet(HTML) 18 Page - Analog Devices

Back Button DS28EC20 Datasheet HTML 14Page - Analog Devices DS28EC20 Datasheet HTML 15Page - Analog Devices DS28EC20 Datasheet HTML 16Page - Analog Devices DS28EC20 Datasheet HTML 17Page - Analog Devices DS28EC20 Datasheet HTML 18Page - Analog Devices DS28EC20 Datasheet HTML 19Page - Analog Devices DS28EC20 Datasheet HTML 20Page - Analog Devices DS28EC20 Datasheet HTML 21Page - Analog Devices DS28EC20 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
DS28EC20
Analog Devices, Inc.
18 of 28
support a standard communication speed of 16.3kbps and overdrive of 142kbps. The slightly reduced rates for the
DS28EC20 are a result of additional recovery times, which in turn were driven by a 1-Wire physical interface
enhancement to improve noise immunity. The value of the pullup resistor primarily depends on the network size
and load conditions. The DS28EC20 requires a pullup resistor of 2.2kΩ (max) at any speed.
The idle state for the 1-Wire bus is high. If for any reason a transaction needs to be suspended, the bus MUST be
left in the idle state if the transaction is to resume. If this does not occur and the bus is left low for more than 16µs
(overdrive speed) or more than 120µs (standard speed), one or more devices on the bus can be reset.
Figure 8. Hardware Configuration
Open-Drain
Port Pin
RX = RECEIVE
TX = TRANSMIT
50Ω
MOSFET
VPUP
RX
TX
TX
RX
DATA
RPUP
IL
BUS CONTROLLER
DS28EC20 1-Wire PORT
TRANSACTION SEQUENCE
The protocol for accessing the DS28EC20 through the 1-Wire port is as follows:
Initialization
ROM Function Command
Memory Function Command
Transaction/Data
INITIALIZATION
All transactions on the 1-Wire bus begin with an initialization sequence. The initialization sequence consists of a
reset pulse transmitted by the bus controller followed by presence pulse(s) transmitted by the peripheral(s). The
presence pulse lets the bus controller know that the DS28EC20 is on the bus and is ready to operate. For more
details, see the 1-Wire Signaling section.
1-Wire ROM FUNCTION COMMANDS
Once the bus controller has detected a presence, it can issue one of the seven ROM function commands that the
DS28EC20 supports. All ROM function commands are 8 bits long. See Figure 9 for list of these commands.
READ ROM [33h]
This command allows the bus controller to read the DS28EC20’s 8-bit family code, unique 48-bit serial number,
and 8-bit CRC. This command can only be used if there is a single peripheral on the bus. If more than one
peripheral is present on the bus, a data collision occurs when all peripherals try to transmit at the same time (open
drain produces a wired-AND result). The resultant family code and 48-bit serial number result in a mismatch of the
CRC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com