Electronic Components Datasheet Search
  English  ▼

X  

DS28EC20 Datasheet(PDF) 3 Page - Analog Devices

Part # DS28EC20
Description  20Kb 1-Wire EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DS28EC20 Datasheet(HTML) 3 Page - Analog Devices

  DS28EC20 Datasheet HTML 1Page - Analog Devices DS28EC20 Datasheet HTML 2Page - Analog Devices DS28EC20 Datasheet HTML 3Page - Analog Devices DS28EC20 Datasheet HTML 4Page - Analog Devices DS28EC20 Datasheet HTML 5Page - Analog Devices DS28EC20 Datasheet HTML 6Page - Analog Devices DS28EC20 Datasheet HTML 7Page - Analog Devices DS28EC20 Datasheet HTML 8Page - Analog Devices DS28EC20 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
DS28EC20
Analog Devices, Inc.
3 of 28
5.0V SUPPLY ELECTRICAL CHARACTERISTICS
(VPUP = 4V to 5.25V, TA = -40°C to +85°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
I/O PIN: GENERAL DATA
1-Wire Pullup Resistance
RPUP
(Notes 2, 3)
0.3
2.2
kΩ
Input Capacitance
CIO
DS28EC20
(Notes 4, 5)
2000
pF
DS28EC20A
220
nF
Input Load Current
IL
DS28EC20
I/O pin at VPUP
0.05
3.5
µA
DS28EC20A
0.05
30
High-to-Low Switching
Threshold
VTL
DS28EC20
(Notes 5, 6, 7)
1.6
VPUP -
1.8
V
DS28EC20A
0.55 x
VPUP
Input Low Voltage
VIL
(Notes 2, 8)
0.5
V
Low-to-High Switching
Threshold
VTH
DS28EC20
(Notes 5, 6, 9)
2.5
VPUP -
1.1
V
DS28EC20A
0.65 x
VPUP
Switching Hysteresis
VHY
DS28EC20
(Notes 5, 6, 10)
0.30
1.3
V
DS28EC20A
0.3
Output Low Voltage
VOL
IOL = 4mA (Note 11)
0.2
V
I/O PIN: 1-Wire INTERFACE
Recovery Time (Notes 2,
12)
tREC
Standard speed
5
µs
Overdrive speed
5
Rising-Edge Hold-off Time
(Notes 5, 13)
tREH
Standard speed
0.5
5.0
µs
Overdrive speed
N/A (0)
Timeslot Duration (Notes
2, 14)
tSLOT
Standard speed
65
µs
Overdrive speed
11
I/O PIN: 1-Wire RESET, PRESENCE DETECT CYCLE
Reset-Low Time (Note 2)
tRSTL
Standard speed
480
640
µs
Overdrive speed
48
80
Presence-Detect High
Time
tPDH
Standard speed
15
60
µs
Overdrive speed
2
6
Presence-Detect Low
Time
tPDL
Standard speed
60
240
µs
Overdrive speed
8
24
Presence-Detect Sample
Time (Notes 2, 15)
tMSP
Standard speed
60
75
µs
Overdrive speed
6
10
I/O PIN: 1-Wire WRITE
Write-0 Low Time (Notes
2, 16, 17)
tW0L
Standard speed
60
120
µs
Overdrive speed
6
15.5
Write-1 Low Time (Notes
2, 17)
tW1L
Standard speed
1
15
µs
DS28EC20
Overdrive speed
1
2
DS28EC20A
0.25
2
I/O PIN: 1-Wire READ
Read-Low Time (Notes 2,
18)
tRL
Standard speed
5
15 - δ
µs
DS28EC20
Overdrive speed
0.8
2 - δ
DS28EC20A
0.25
2 - δ
Read-Sample Time (Notes
2, 18)
tMSR
Standard speed
tRL + δ
15
µs
DS28EC20
Overdrive speed
tRL + δ
2.27
DS28EC20A
tRL + δ
2
EEPROM
Programming Current
IPROG
(Note 19)
0.9
mA
Programming Time
tPROG
(Note 20)
10
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com