Electronic Components Datasheet Search
  English  ▼

X  

DS28EC20 Datasheet(PDF) 2 Page - Analog Devices

Part # DS28EC20
Description  20Kb 1-Wire EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DS28EC20 Datasheet(HTML) 2 Page - Analog Devices

  DS28EC20 Datasheet HTML 1Page - Analog Devices DS28EC20 Datasheet HTML 2Page - Analog Devices DS28EC20 Datasheet HTML 3Page - Analog Devices DS28EC20 Datasheet HTML 4Page - Analog Devices DS28EC20 Datasheet HTML 5Page - Analog Devices DS28EC20 Datasheet HTML 6Page - Analog Devices DS28EC20 Datasheet HTML 7Page - Analog Devices DS28EC20 Datasheet HTML 8Page - Analog Devices DS28EC20 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
DS28EC20
Analog Devices, Inc.
2 of 28
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
I/O Voltage to GND
-0.5V, +6V
I/O Sink Current
20mA
Operating Temperature Range
-40°C to +85°C
Junction Temperature
+150°C
Storage Temperature Range
-55°C to +125°C
Lead Temperature (soldering, 10s)
+300°C
Soldering Temperature (reflow)
TO-92
+250°C
TSOC, TDFN
+260°C
ESD Rating
DS28EC20
±8kV Contact Discharge, ±15kV Air Discharge, typ (IEC 1000-4-2 Level 4)
DS28EC20A
±8kV Human Body Model (HBM)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is
not implied. Exposure to the absolute maximum rating conditions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com