Electronic Components Datasheet Search
  English  ▼

X  

LTM2883 Datasheet(PDF) 14 Page - Analog Devices

Part # LTM2883
Description  Isolated USB Transceiver with Isolated Power
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2883 Datasheet(HTML) 14 Page - Analog Devices

Back Button LTM2883 Datasheet HTML 10Page - Analog Devices LTM2883 Datasheet HTML 11Page - Analog Devices LTM2883 Datasheet HTML 12Page - Analog Devices LTM2883 Datasheet HTML 13Page - Analog Devices LTM2883 Datasheet HTML 14Page - Analog Devices LTM2883 Datasheet HTML 15Page - Analog Devices LTM2883 Datasheet HTML 16Page - Analog Devices LTM2883 Datasheet HTML 17Page - Analog Devices LTM2883 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LTM2884
14
Rev. D
For more information www.analog.com
USB Connectivity
The LTM2884 µModule transceiver connects directly to
USB ports on the upstream side and the downstream side
without the addition of external components. The trans-
ceiver passes through all data and does not act as a hub
or intelligent device. The bus lines are monitored for idle
conditions, start of packet, and end of packet conditions
to properly maintain bus speed and data direction. The
series resistance, pull-up, and pull-down resistors are
built into the LTM2884. The upstream facing USB port
contains automatically configured 1.5k pull-up resistors
which are switched in or out based on the downstream
side peripheral device configuration. This implementa-
tion allows upstream reporting of the downstream bus
speed and connection/disconnection conditions. Built-in
15k pull-down resistors are included from the D2+ and
D2– signals to GND2 supporting the downstream bus
configuration.
Monitoring the USB data pins, the LTM2884 detects a
K-state to begin a data packet and set the data direction.
The data is monitored for an end of packet signature and
a finishing J-state before the bus is released. The data
payload between the K-state and J-state is transferred
through the LTM2884 isolator with a delay of approxi-
mately 80ns.
Idle State Communication and Automatic Speed
Selection
The LTM2884 µModule transceiver maintains the con-
ditions of the USB bus idle state by monitoring the
downstream side bus idle condition and refreshing the
state across the isolation barrier at a consistent rate.
Furthermore, the LTM2884 monitors the speed of the
downstream peripheral once connected and sets its own
operation to match. Figure 4 shows the abbreviated cir-
cuitry of the automatic monitoring and reporting of the
bus speeds. The D2+ or D2– signals are monitored for
a connection to pull-ups on D2+ or D2– and the result
is processed as full speed or low speed, otherwise dis-
connect. The idle state is communicated to the upstream
side through a refresh transmission. The switches SW1
or SW2 are controlled based on the received informa-
tion. SW1 is closed if D2+ is detected to have a pull-up
and D2– was open. SW2 is closed if D2– is detected to
have a pull-up and D2+ was open. Both SW1 and SW2
are opened if the downstream USB bus is disconnected.
APPLICATIONS INFORMATION
Figure 4. Idle State Automatic Resistor Setting
2884 F04
LTM2884
REFRESH
VLO
D1+
RPU
1.5k
RPU
1.5k
SW1
SW2
D1–
15k
15k
D2+
D2–
RPD
15k
RPD
15k
1.5k
FULL
SPEED
UPSTREAM CONNECTION
DOWNSTREAM CONNECTION
OR
OR DISCONNECTED
LOW
SPEED
1.5k
3.3V
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com