Electronic Components Datasheet Search
  English  ▼

X  

LTM2883 Datasheet(PDF) 17 Page - Analog Devices

Part # LTM2883
Description  Isolated USB Transceiver with Isolated Power
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2883 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTM2883 Datasheet HTML 13Page - Analog Devices LTM2883 Datasheet HTML 14Page - Analog Devices LTM2883 Datasheet HTML 15Page - Analog Devices LTM2883 Datasheet HTML 16Page - Analog Devices LTM2883 Datasheet HTML 17Page - Analog Devices LTM2883 Datasheet HTML 18Page - Analog Devices LTM2883 Datasheet HTML 19Page - Analog Devices LTM2883 Datasheet HTML 20Page - Analog Devices LTM2883 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
LTM2884
17
Rev. D
For more information www.analog.com
APPLICATIONS INFORMATION
a 100mA input current, the VCC2 load current must be
less than 25mA. This characteristic of an isolated supply
may limit the use of the LTM2884 in bus powered hub
applications or downstream connection to a bus powered
hub. Connect VCC to an external supply to mitigate this
concern.
Hot Plug Protection
The VCC and VBUS inputs are bypassed with low ESR
ceramic capacitors. During a hot plug event, the supply
inputs can overshoot the supplied voltage due to cable
inductance. When using external power supply sources
greater than 10V that can be hot plugged, add an addi-
tional 2.2µF tantalum capacitor with greater than 1Ω of
ESR, or a ceramic capacitor with a series 1Ω resistor
to the VCC input to reduce the possibility of exceeding
absolute maximum ratings. Refer to Application Note 88,
“Ceramic Capacitors Can Cause Overvoltage Transients,”
for a detailed discussion of this problem.
PC Board Layout
The high integration of the LTM2884 makes PCB layout
simple. However, to optimize its electrical isolation char-
acteristics, EMI, and thermal performance, some layout
considerations are necessary. The PCB layout in Figure 5
is a recommended configuration for a low EMI USB appli-
cation. The following considerations optimize the perfor-
mance of the LTM2884:
• Under loaded conditions, VCC and GND current exceed
700mA, VCC2 and GND2 current is up to 500mA. Use
sufficient copper on the PCB to ensure resistive losses
do not cause the supply voltage to drop below the mini-
mum allowed level. The heavy copper traces will also
help to reduce thermal stress and improve thermal
conductivity.
• Input and output decoupling is not required on periph-
eral or hub inputs. Add additional low ESR capaci-
tance to reduce noise induction on the power supply
connections. Hub/bus splitter outputs require an addi-
tional 100µF of low ESR capacitance.
• Do not place copper between the inner columns of
pads on the top or bottom of the PCB. This area must
remain open to withstand the rated isolation voltage
and maintain the creepage distance.
RF, Magnetic Field Immunity
The isolator µModule technology used within the
LTM2884 has been independently evaluated, and suc-
cessfully passed the RF and magnetic field immunity test-
ing requirements per European Standard EN 55024, in
accordance with the following test standards:
EN 61000-4-3
Radiated, Radio-Frequency,
Electromagnetic Field Immunity
EN 61000-4-8
Power Frequency Magnetic
Field Immunity
EN 61000-4-9
Pulsed Magnetic Field Immunity
Tests were performed using an unshielded test card
designed per the data sheet PCB layout recommenda-
tions. Specific limits per test are detailed in Table 2.
Table 2. Test Frequency Field Strength
EN 61000-4-3, Annex D, 80MHz to 1GHz
1.4MHz to 2GHz
2GHz to 2.7GHz
10V/m
3V/m
1V/m
EN 61000-4-8, Level 4 50Hz and 60Hz
30A/m
EN 61000-4-8, Level 5 60Hz
100A/m*
EN 61000-4-9, Level 5 Pulse
1000A/m
*Non IEC Method
EMI
Radiated emissions have been measured for the LTM2884
using a gigahertz transverse electromagnetic (GTEM) cell
with and without a USB cable attached. The performance
shown in Figure 6 was achieved with the layout structure
in Figure 5. Results are corrected per IEC 61000-4-20.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com