Electronic Components Datasheet Search
  English  ▼

X  

LTM2883 Datasheet(PDF) 15 Page - Analog Devices

Part # LTM2883
Description  Isolated USB Transceiver with Isolated Power
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2883 Datasheet(HTML) 15 Page - Analog Devices

Back Button LTM2883 Datasheet HTML 11Page - Analog Devices LTM2883 Datasheet HTML 12Page - Analog Devices LTM2883 Datasheet HTML 13Page - Analog Devices LTM2883 Datasheet HTML 14Page - Analog Devices LTM2883 Datasheet HTML 15Page - Analog Devices LTM2883 Datasheet HTML 16Page - Analog Devices LTM2883 Datasheet HTML 17Page - Analog Devices LTM2883 Datasheet HTML 18Page - Analog Devices LTM2883 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
LTM2884
15
Rev. D
For more information www.analog.com
APPLICATIONS INFORMATION
During a USB suspend, the pull-up resistor will maintain
the condition prior to detecting the suspend command.
Suspend Mode
When the upstream USB bus is idle for greater than 3ms,
the LTM2884 enters suspend mode. The power savings
and behavior in suspend mode depend on the state of the
SPNDPWR pin, as summarized in Table 1.
Table 1. Suspend Mode Operation
SPNDPWR VCC2
IBUS
ICC
WAKE-UP
WAKE-UP
TIME
High
Off
< 500µA VCC/45k
Resume
3ms
Low
On
1.5mA
50mA
Resume or
Remote Wake-Up
10µs
The biggest power savings in suspend mode comes when
SPNDPWR is high. In this case, the DC/DC converter
is disabled, shutting down power to the isolated side,
while the current draw on VCC and VBUS are minimized.
However, in this mode, if a downstream device is con-
nected or disconnected from the bus or remote wake-
up functionality is configured, it will not be recognized
by the LTM2884 and will not be relayed to the host. A
resume command at the upstream side will wake up
the LTM2884 and a re-numeration by the host will be
required. Recovery time is about 3ms from the start of
the resume command on the upstream side.
If SPNDPWR is low in suspend mode, the LTM2884 oper-
ates in a low power mode but maintains a higher func-
tional state with the DC/DC converter on and the down-
stream transceiver powered. The VBUS current is reduced
to 1.5mA and VCC current is about 50mA when there is no
external draw on VCC2. Wake-up is initiated with discon-
nects, reconnects, or a remote wake-up command from a
downstream device or a resume command from the host.
Recovery time from suspend mode is about 10µs from
when the first state change is detected.
During suspend mode DC current drawn from VLO into
external circuits will be supplied from VBUS and may
exceed the limits set in the USB specification.
DC/DC Power Supply
The internal DC/DC converter converts the input power
from the VCC pin to the VCC2 output. The power delivered
to the VCC2 pin is regulated and current limited to protect
against overcurrent conditions. The voltage supply, VCC,
is sensed to limit the maximum current that can be
delivered before USB specifications are exceeded.
Connecting the VCC and VBUS supply pins to the USB
VBUS pin (4.4V to 5.5V) limits the maximum down-
stream side supply current to 200mA before VCC2
supply degradation. When VCC is connected to a high
voltage external DC source (8.6V to 16.5V) the current
limit is increased so that 500mA is sourced from VCC2.
If a downstream device sinking current from VCC2 draws
more than 25mA, the input current on VCC may exceed
100mA, the USB single unit load specification for low
power devices. The LTM2884 does not enforce a 100mA
current limit for low power peripherals.
VCC2 is internally decoupled to GND2 with a 22µF capaci-
tor. Add an additional low ESR 100µF capacitor to VCC2
to meet the VBUS downstream supply decoupling mini-
mum specification of 120µF when supporting device plug
in. Locate the additional 100µF capacitor adjacent to the
downstream USB connector. Additional capacitance may
not be necessary when the LTM2884 is used in a periph-
eral device, or upstream hub application.
VLO and VLO2 Supplies
The VLO and VLO2 output supply pins are available for
use as low current 3.3V supplies on both sides of the
isolation barrier. They also serve as supplies for the USB
interface circuitry. An internal linear regulator maintains
3.3V on VLO from the VBUS input supply. A separate linear
regulator maintains 3.3V on VLO2 from VCC2. The current
is limited to 10mA for external applications. Exceeding
this limit may cause degradation in the VLO or VLO2 sup-
plies and undesirable operation from the USB isolator.
Connection of signals ON or SPNDPWR to VLO will not
cause a significant change in the available VLO current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com