Electronic Components Datasheet Search
  English  ▼

X  

LTM2883 Datasheet(PDF) 20 Page - Analog Devices

Part # LTM2883
Description  Isolated USB Transceiver with Isolated Power
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2883 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTM2883 Datasheet HTML 16Page - Analog Devices LTM2883 Datasheet HTML 17Page - Analog Devices LTM2883 Datasheet HTML 18Page - Analog Devices LTM2883 Datasheet HTML 19Page - Analog Devices LTM2883 Datasheet HTML 20Page - Analog Devices LTM2883 Datasheet HTML 21Page - Analog Devices LTM2883 Datasheet HTML 22Page - Analog Devices LTM2883 Datasheet HTML 23Page - Analog Devices LTM2883 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
LTM2884
20
Rev. D
For more information www.analog.com
TYPICAL APPLICATIONS
Figure 9. USB Host Integration
Figure 10. Powered Peripheral Device with USB Isolation and Low Current Suspend
2884 F09
VLO
ON
SPNDPWR
VCC2
VBUS2
VBUS
GND
VCC
4.4V TO 16.5V
USB HOST
CONTROLLER
LTM2884
5V UP TO
200mA FOR VCC 4.4V TO 5.5V
500mA FOR VCC 8.6V TO 16.5V
100µF
D1+
D1–
15k
VLO2
D2+
D2–
D+
DOWNSTREAM
USB PORT
D–
GND2
GND2
PWR
15k
2884 F10
VLO
ON
SPNDPWR
VCC2
VBUS
VBUS
GND
VCC
LTM2884
D1+
D1–
D+
UPSTREAM
USB PORT
D–
VLO2
D2+
D2–
GND2
GND
PWR
PERIPHERAL
5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com