Electronic Components Datasheet Search
  English  ▼

X  

LTM2883 Datasheet(PDF) 16 Page - Analog Devices

Part # LTM2883
Description  Isolated USB Transceiver with Isolated Power
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2883 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTM2883 Datasheet HTML 12Page - Analog Devices LTM2883 Datasheet HTML 13Page - Analog Devices LTM2883 Datasheet HTML 14Page - Analog Devices LTM2883 Datasheet HTML 15Page - Analog Devices LTM2883 Datasheet HTML 16Page - Analog Devices LTM2883 Datasheet HTML 17Page - Analog Devices LTM2883 Datasheet HTML 18Page - Analog Devices LTM2883 Datasheet HTML 19Page - Analog Devices LTM2883 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LTM2884
16
Rev. D
For more information www.analog.com
APPLICATIONS INFORMATION
These supplies are available to support interface logic to
the isolated USB port. In order to meet the suspend mode
current limit, minimize the DC current of external appli-
cations on the VLO output supply. VLO and VLO2 are pro-
tected from overcurrent and overtemperature conditions.
Supply Current
Loading the multiple output supply pins of the LTM2884
affects the supply current on VBUS and VCC. The VBUS
input supplies current to the the upstream side of the
transceiver and to the VLO pin. The VCC input supplies
power to VCC2 and VLO2 through an isolated DC/DC con-
verter. The efficiency (η) of the DC/DC converter is shown
in the Typical Performance Characteristics section for 5V
and 12V inputs from VCC to VCC2.
Supply Current Equations
Operating:
IBUS = 6mA + IVLO
ICC =
VCC2 • 6mA + ICC2+ IVLO2
(
)
η • VCC
Suspend: SPNDPWR = 0
IBUS = 1.5mA + IVLO
ICC =
VCC2 • 6mA + ICC2+ IVLO2
(
)
η • VCC
Suspend: SPNDPWR = VLO
IBUS = 0.45mA + IVLO
ICC =
VCC
45k
Off:
IBUS = 10µA
ICC =
VCC
45k
USB 2.0 Compatibility
The LTM2884 µModule transceiver is compatible with
the USB 2.0 specification of full and low speed opera-
tion. Some characteristics and implementations may not
support full compliance with the USB 2.0 specification.
Three specific cases exist within the LTM2884 µModule
transceiver and the integrated DC/DC power converter.
First, the propagation delay for full speed data of 80ns
exceeds the specification for a single hub of 44ns plus
the attached cable delay of 26ns. This is due to driving
the signal to the 3.3V rail prior to a K-state transition to
maintain balanced crossover voltages equivalent to the
cross over voltages of the successive data transitions.
USB ports commonly drive the idle state bus to the 3.3V
rail prior to the k-state start of packet transition.
Second, setting SPNDPWR = VLO will cause the DC/DC
power converter to turn off during a bus suspend. VCC2
will lose power causing the downstream device to lose
enumeration. Remote wake-up, disconnect, and recon-
nect events are ignored. A resume command from the
host or upstream hub will start the DC/DC converter and
wake up the downstream device. The downstream device
will require re-enumeration, which causes a failure in USB
compliance testing. After a resume command initiates, a
delay of 3ms will elapse before the isolated device is fully
powered. When SPNDPWR = 0V, the DC/DC power con-
verter remains on during suspend, therefore power and
enumeration information is retained. The VCC supply con-
sumes 50mA to support the isolated power during sus-
pend. Separate the VBUS and VCC supplies to comply with
the 2.5mA USB 2.0 VBUS suspend current specification.
Third, when connecting a low power device to the down-
stream side of the LTM2884 and VBUS and VCC are con-
nected together, the input current is higher due to the
operating current and the efficiency of the DC/DC con-
verter. The operating current of the DC/DC converter and
the USB transceiver function is 46mA. The efficiency of
the converter is approximately 55%, resulting in a 1/0.55
increase in the input current due to the load current on
VCC2. A 100mA load on VCC2 appears as a 181mA load
+ operating current at VBUS and VCC. In order to meet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com