Electronic Components Datasheet Search
  English  ▼

X  

LT8364 Datasheet(PDF) 32 Page - Analog Devices

Part # LT8364
Description  40V, 9A, Low IQ Synchronous Step-Up Silent Switcher with Input Disconnect and PassThru
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8364 Datasheet(HTML) 32 Page - Analog Devices

Back Button LT8364 Datasheet HTML 28Page - Analog Devices LT8364 Datasheet HTML 29Page - Analog Devices LT8364 Datasheet HTML 30Page - Analog Devices LT8364 Datasheet HTML 31Page - Analog Devices LT8364 Datasheet HTML 32Page - Analog Devices LT8364 Datasheet HTML 33Page - Analog Devices LT8364 Datasheet HTML 34Page - Analog Devices LT8364 Datasheet HTML 35Page - Analog Devices LT8364 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
Data Sheet
LT8342
analog.com
Rev. 0
32 of 36
Automotive 2MHz Pre-Boost Converter for Stop-Start and Cold Crank with 10V
Output and Short Circuit Protection
Figure 49. Automotive 2MHz Pre-Boost Converter with 10V Output and Short-Circuit Protection
(a)
(b)
Figure 50. Efficiency of 2MHz 10V Automotive Pre-Boost Converter in Burst Mode (SYNC/MODE = 0V).
(a) vs Load Current; (b) vs Input Voltage at 1.8A load current.
VOUT = 10V
VIN = 3V
VIN = 5V
VIN = 8V
LOAD CURRENT (mA)
0.1
1
10
100
1k
10k
50
55
60
65
70
75
80
85
90
95
100
ILOAD = 1.8A
INPUT VOLTAGE (V)
0
5
10
15
20
25
30
35
40
80
82
84
86
88
90
92
94
96
98
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com