Electronic Components Datasheet Search
  English  ▼

X  

LT8364 Datasheet(PDF) 16 Page - Analog Devices

Part # LT8364
Description  40V, 9A, Low IQ Synchronous Step-Up Silent Switcher with Input Disconnect and PassThru
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8364 Datasheet(HTML) 16 Page - Analog Devices

Back Button LT8364 Datasheet HTML 12Page - Analog Devices LT8364 Datasheet HTML 13Page - Analog Devices LT8364 Datasheet HTML 14Page - Analog Devices LT8364 Datasheet HTML 15Page - Analog Devices LT8364 Datasheet HTML 16Page - Analog Devices LT8364 Datasheet HTML 17Page - Analog Devices LT8364 Datasheet HTML 18Page - Analog Devices LT8364 Datasheet HTML 19Page - Analog Devices LT8364 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
Data Sheet
LT8342
analog.com
Rev. 0
16 of 36
Figure 26. Full Frequency PWM Operation.
See Figure 1, VIN = 6V, VOUT = 24V,
ILOAD = 900mA
Figure 27. Continuous Burst Mode Operation.
See Figure 1, SYNC/MODE = 0V,
VIN = 6V, ILOAD = 230mA
Figure 28. Discontinuous Burst Mode Operation.
See Figure 1, SYNC/MODE = 0V,
VIN = 6V, ILOAD = 50mA
Figure 29. Light Load Low IQ Burst Mode Operation.
See Figure 1, SYNC/MODE = 0V,
VIN = 6V, ILOAD = 0A
Figure 30. Discontinuous Pulse-Skipping Mode.
See Figure 1, SYNC/MODE open,
VIN = 12V, ILOAD = 0A
Figure 31. PassThru Mode Operation.
See Circuit in Figure 49, VIN = 12V, ILOAD = 1A
1µs/DIV
VSW
20V/DIV
IL
2A/DIV
1µs/DIV
VSW
20V/DIV
IL
2A/DIV
1µs/DIV
VSW
20V/DIV
IL
2A/DIV
400µs/DIV
VSW
20V/DIV
IL
2A/DIV
1µs/DIV
VSW
20A/DIV
IL
2A/DIV
VOUT
VIN
5µs/DIV
IL
1A/DIV
VSW
10V/DIV
V ,
IN
VOUT
2V/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com