Electronic Components Datasheet Search
  English  ▼

X  

LT8364 Datasheet(PDF) 23 Page - Analog Devices

Part # LT8364
Description  40V, 9A, Low IQ Synchronous Step-Up Silent Switcher with Input Disconnect and PassThru
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8364 Datasheet(HTML) 23 Page - Analog Devices

Back Button LT8364 Datasheet HTML 19Page - Analog Devices LT8364 Datasheet HTML 20Page - Analog Devices LT8364 Datasheet HTML 21Page - Analog Devices LT8364 Datasheet HTML 22Page - Analog Devices LT8364 Datasheet HTML 23Page - Analog Devices LT8364 Datasheet HTML 24Page - Analog Devices LT8364 Datasheet HTML 25Page - Analog Devices LT8364 Datasheet HTML 26Page - Analog Devices LT8364 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
Data Sheet
LT8342
analog.com
Rev. 0
23 of 36
Table 7. Switching Frequency (fsw) vs RT Value
fSW (MHz)
RT (kΩ)
fSW (MHz)
RT (kΩ)
0.3
110
1.7
18.2
0.4
84.5
1.8
16.9
0.5
68.1
1.9
15.8
0.6
56.2
2.0
15
0.7
48.7
2.1
14.3
0.8
42.2
2.2
13.7
0.9
36.5
2.3
13
1.0
31.6
2.4
12.4
1.1
28.7
2.5
11.8
1.2
26.1
2.6
11.3
1.3
24.3
2.7
10.7
1.4
22.1
2.8
10.2
1.5
20.5
2.9
9.76
1.6
19.1
3.0
9.53
Spread Spectrum Frequency Modulation
The LT8342 features SSFM to further reduce electromagnetic emissions. The user can select SSFM with Burst Mode
operation by connecting the SYNC/MODE pin to ground through a 100kΩ resistor. The user can also select SSFM
with pulse-skipping operation by connecting the SYNC/MODE pin to INTVCC. When SSFM is selected, a stepped
triangular frequency modulation is used to vary the internal oscillator frequency between the value programmed
by the RT resistor to approximately 13% higher than that value. The modulation frequency is approximately 0.45%
of the switching frequency. For example, when the LT8342 is programmed to 2MHz, and spread spectrum
frequency modulation is selected, the oscillator frequency varies from 2MHz to 2.3MHz at a 9kHz rate (see Figure 12,
Oscillator Frequency with Spread Spectrum Modulation in the Typical Performance Characteristics section).
VIN to VOUT PassThru Mode Operation
In automotive PreBoost applications, the input voltage of the boost converter is normally above the regulated
output voltage programmed by the feedback resistor network. Under this condition, the LT8342 enters PassThru
mode operation, where the synchronous power switch M2 (See Block Diagram) is kept on continuously, and the
power switch M1 is kept off continuously. The voltage across the boost capacitor (CBST) is constantly monitored.
When it drops below 2.9V, an internal charge pump circuit is turned on to charge the boost capacitor voltage to
3.2V and then turned off, maintaining enough gate drive voltage on M2.
In PassThru mode, the LT8342 intelligently enters a low quiescent current state regardless of the SYNC/MODE pin's
configuration. Input quiescent current can be as low as 26.5μA with the input-disconnect FET (MEXT), or 12μA
without MEXT. Note that if the input voltage exceeds 110% of the target output voltage, the PG pin will pull low to
indicate that VOUT is out of regulation. If PG is externally pulled up, the current through the pull-up resistor can be
more significant than the quiescent current of LT8342. To further reduce the power consumption in PassThru, one



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com