Electronic Components Datasheet Search
  English  ▼

X  

LT8364 Datasheet(PDF) 18 Page - Analog Devices

Part # LT8364
Description  40V, 9A, Low IQ Synchronous Step-Up Silent Switcher with Input Disconnect and PassThru
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8364 Datasheet(HTML) 18 Page - Analog Devices

Back Button LT8364 Datasheet HTML 14Page - Analog Devices LT8364 Datasheet HTML 15Page - Analog Devices LT8364 Datasheet HTML 16Page - Analog Devices LT8364 Datasheet HTML 17Page - Analog Devices LT8364 Datasheet HTML 18Page - Analog Devices LT8364 Datasheet HTML 19Page - Analog Devices LT8364 Datasheet HTML 20Page - Analog Devices LT8364 Datasheet HTML 21Page - Analog Devices LT8364 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
Data Sheet
LT8342
analog.com
Rev. 0
18 of 36
Figure 38. Hiccup during Output Short Circuit.
See Figure 1, VIN = 9V.
Figure 39. Conducted EMI Performance (CISPR 25 Class 5
Peak). See Circuit in Figure 45. VIN = 12V,
VOUT = 24V, ILOAD = 3A. SSFM on.
fSW = 2MHz to 2.3MHz.
Figure 40. Radiated EMI Performance (CISPR 25 Class 5
Peak). See Circuit in Figure 45. VIN = 12V,
VOUT = 24V, ILOAD = 3A. SSFM on.
fSW = 2MHz to 2.3MHz.
SHORT!
10ms/DIV
VSW
20V/DIV
IL
5A/DIV
CLASS 5 PEAK LIMIT
LT8342
FREQUENCY (MHz)
0.1
1
10
100
200
–20
–10
0
10
20
30
40
50
60
70
80
CLASS 5 PEAK LIMIT
LT8342 VERTICAL
LT8342 HORIZONTAL
FREQUENCY (MHz)
0.1
1
10
100
1k
–20
–10
0
10
20
30
40
50
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com