Electronic Components Datasheet Search
  English  ▼

X  

LT8364 Datasheet(PDF) 20 Page - Analog Devices

Part # LT8364
Description  40V, 9A, Low IQ Synchronous Step-Up Silent Switcher with Input Disconnect and PassThru
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8364 Datasheet(HTML) 20 Page - Analog Devices

Back Button LT8364 Datasheet HTML 16Page - Analog Devices LT8364 Datasheet HTML 17Page - Analog Devices LT8364 Datasheet HTML 18Page - Analog Devices LT8364 Datasheet HTML 19Page - Analog Devices LT8364 Datasheet HTML 20Page - Analog Devices LT8364 Datasheet HTML 21Page - Analog Devices LT8364 Datasheet HTML 22Page - Analog Devices LT8364 Datasheet HTML 23Page - Analog Devices LT8364 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
Data Sheet
LT8342
analog.com
Rev. 0
20 of 36
THEORY OF OPERATION
The LT8342 is a monolithic, synchronous step-up DC/DC converter that uses fixed frequency and peak current
mode control to provide excellent line and load regulation. It contains a Silent Switcher architecture that enables a
significant reduction in EMI and can be configured to control an optional external input-disconnect N-channel FET
(MEXT) for output short-circuit protection and reduction of inrush current.
See the Block Diagram for the following explanation of the LT8342’s operation. An optional resistor divider from the
converter input to the EN/UVLO pin, with a 1.08V rising threshold and an accurate 1.02V falling threshold, allows
the user to program turn on/off levels for the converter input. Alternatively, the EN/UVLO pin can be connected to
the converter input or driven from an external logic-level signal. EN/UVLO pin voltage below 0.15V shuts down all
internal circuitry and draws less than 1μA from the VIN pin.
With the EN/UVLO pin voltage high enough and the VIN pin voltage at least 2.8V, the internal circuitry is activated.
The LT8342 will check whether internal feedback (FBINT) or external feedback (VSET2/FB pin) will be used as the
feedback node (FB0). If internal feedback is used, FB_SEL will automatically determine the correct internal
feedback ratio accordingly. 10μA from the SS pin will gradually charge up the external soft-start capacitor (CSS),
which slowly ramps up the regulation reference voltage. An oscillator (A1), with frequency set using a resistor from
the RT pin to GND, turns on the internal bottom power switch (M1) at the beginning of each clock cycle.
Current in the inductor then increases until the bottom switch current comparator (A2) trips and turns off the
bottom power switch. The peak inductor current at which the bottom switch turns off is controlled by the voltage
on the VC pin. The error amplifier (A3) servos the VC pin by comparing the voltage on the feedback node (FB0) with
the internal 1V reference. The error amplifier drives the VC pin voltage to set the correct peak switch current level
that keeps the output voltage in regulation. When the load current increases, it causes a reduction in the feedback
node (FB0) voltage relative to the internal 1V reference. This causes the error amplifier to raise the VC pin voltage, to
increase the peak inductor current until enough power is delivered to the output to maintain the output voltage in
regulation. When the bottom power switch (M1) turns off, the synchronous power switch (M2) turns on until the
next clock cycle begins or the inductor current falls to zero.
For applications requiring a PreBoost regulator to maintain output voltage, for example, during the automotive
cold crank or start-stop, the VIN and VOUT pins are constantly monitored to determine when VIN exceeds VOUT. If VIN
exceeds VOUT and VOUT is above its programmed regulation voltage, the LT8342 enters PassThru Mode and turns on
the top side synchronous switch to maximize efficiency.
Optional output short-circuit protection, and inrush current reduction are available by adding an external sense
resistor (RSNS) and an N-channel FET (MEXT) in series with the converter input. If MEXT is not used, connect the GATE
pin to GND. The LT8342 can automatically detect whether MEXT is configured.
At startup, an internal 9μA current source charges up the GATE pin (connected to the gate of MEXT) to 6.5V above VIN.
During an output short circuit, when the converter input current rises high enough in the sense resistor RSNS to trip
the 45mV threshold of comparator A4, the LT8342 pulls the GATE Pin to GND, turning off MEXT and limits the
maximum short circuit inductor current. After MEXT is turned off, the LT8342 waits 40ms before charging up the
GATE pin to turn on MEXT again.
The LT8342's SYNC/MODE pin allows synchronization to an external clock. It can also be used to select between
burst or pulse-skipping modes of operation to optimize the converter performance based on the application
requirements. SSFM can be activated with either of the two modes to reduce the EMI further.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com