Electronic Components Datasheet Search
  English  ▼

X  

SC68C94 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # SC68C94
Description  Quad universal asynchronous receiver/transmitter QUART
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC68C94 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button SC68C94 Datasheet HTML 8Page - NXP Semiconductors SC68C94 Datasheet HTML 9Page - NXP Semiconductors SC68C94 Datasheet HTML 10Page - NXP Semiconductors SC68C94 Datasheet HTML 11Page - NXP Semiconductors SC68C94 Datasheet HTML 12Page - NXP Semiconductors SC68C94 Datasheet HTML 13Page - NXP Semiconductors SC68C94 Datasheet HTML 14Page - NXP Semiconductors SC68C94 Datasheet HTML 15Page - NXP Semiconductors SC68C94 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
Philips Semiconductors
Product specification
SC68C94
Quad universal asynchronous receiver/transmitter (QUART)
1995 May 1
12
Table 4.
Register Bit Formats, DUART AB. [duplicated for DUART CD]
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
MR0 (Mode Register 0)
Rx Watchdog
Timer
RxINT2 bit
TxINT Control
These bits not implemented.
They should be considered Reserved.
0 = off
1 = on
These bits should normally be set to 0
x
x
x
x
MR1 (Mode Register 1)
RxRTS
Control
RxINT1
Select
Error
Mode*
Parity Mode
Parity
Type
Bits per Character
0 = No
1 = Yes
Normally set to
0
0 = Char
1 = Block
00 = With parity
01 = Force parity
10 = No parity
11 = Wake-up mode
0 = Even
1 = Odd
00 = 5
01 = 6
10 = 7
11 = 8
NOTE: *In block error mode, block error conditions must be cleared by using the error reset command (command 4x) or a receiver reset.
MR2 (Mode Register 2)
Channel Mode
TxRTS
Control
CTS
Enable Tx
Stop Bit Length*
00 = Normal
01 = Auto-echo
10 = Local loop
11 = Remote loop
0 = No
1 = Yes
0 = No
1 = Yes
0 = 0.563 4 = 0.813 8 = 1.563 C = 1.813
1 = 0.625 5 = 0.875 9 = 1.625 C = 1.875
2 = 0.688 6 = 0.938 A = 1.688 E = 1.938
3 = 0.750 7 = 1.000 B = 1.750 F = 2.000
NOTE: Add 0.5 to values shown above for 0–7, if channel is programmed for 5 bits/char. In block error mode, block error conditions must be
cleared by using the error reset command (command 4x) or a receiver reset.
CSR (Clock Select Register)
Receiver Clock Select
Transmitter Clock Select
See text
See text
CR (Command Register)
Miscellaneous Commands
Disable Tx
Enable Tx
Disable Rx
Enable Rx
See text
0 = No
1 = Yes
0 = No
1 = Yes
0 = No
1 = Yes
0 = No
1 = Yes
NOTE: Issuing commands contained in the upper four bits of the “Command Register” should be separated in time by at least three (3) X1
clock edges. Allow four (4) edges if the “X1 clock divide by 2” mode is used. A disabled transmitter cannot be loaded.
SR (Status Register)
Rec’d.
Break
Framing
Error
Parity
Error
Overrun
Error
TxEMT
TxRDY
RxFULL
RxRDY
0 = No
1 = Yes
*
0 = No
1 = Yes
*
0 = No
1 = Yes
*
0 = No
1 = Yes
0 = No
1 = Yes
0 = No
1 = Yes
0 = No
1 = Yes
0 = No
1 = Yes
NOTE: These status bits are appended to the corresponding data character in the receive FIFO. A read of the status register provides these
bits [7:5] from the top of the FIFO together with bits [4:0]. These bits are cleared by a reset error status command. Unless reset with the ‘Error
Reset’ (CR command 40) or receiver reset, these bits will remain active in the Status Register after the RxFIFO is empty.
ACR (Auxiliary Control Register)
BRG Set
Select
Counter/Timer
Mode and Source
Delta
I/O1b
Delta
I/O0b
Delta
I/O1a
Delta
I/O0a
0 = set 1
1 = set 2
See text
0 = off
1 = on
0 = off
1 = on
0 = off
1 = on
0 = off
1 = on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com