Electronic Components Datasheet Search
  English  ▼

X  

SC68C94 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # SC68C94
Description  Quad universal asynchronous receiver/transmitter QUART
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC68C94 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button SC68C94 Datasheet HTML 18Page - NXP Semiconductors SC68C94 Datasheet HTML 19Page - NXP Semiconductors SC68C94 Datasheet HTML 20Page - NXP Semiconductors SC68C94 Datasheet HTML 21Page - NXP Semiconductors SC68C94 Datasheet HTML 22Page - NXP Semiconductors SC68C94 Datasheet HTML 23Page - NXP Semiconductors SC68C94 Datasheet HTML 24Page - NXP Semiconductors SC68C94 Datasheet HTML 25Page - NXP Semiconductors SC68C94 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
Philips Semiconductors
Product specification
SC68C94
Quad universal asynchronous receiver/transmitter (QUART)
1995 May 1
22
DC ELECTRICAL CHARACTERISTICS5, 6, 7
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
UNIT
VIL
Input low voltage
0.8
V
VIH
Input high voltage (except X1/CLK)
0 to +70
°C
2.0
V
VIH
Input high voltage (except X1/CLK)
–40 to +85
°C
2.2
V
VIH
Input high voltage (X1/CLK)
0.8VCC
V
VOL
VOH
Output Low voltage
Output High voltage (except OD outputs)
IOL = 4.0mA
IOH = –400µA
IOH = –100µA
0.8VCC
0.9VCC
0.4
V
V
V
IIL
IIH
Input current Low, I/O ports
Input current High, I/O ports
VIN = 0
VIN = VCC
–10
10
µA
µA
II
Input leakage current
VIN = 0 to VCC
–1
1
µA
IILX1
IIHX1
X1/CLK input Low current
X1/CLK input High current
VIN = GND, X2 = open
VIN = VCC, X2 = open
–100
100
µA
µA
IOZH
IOZL
Output off current High, 3–state data bus
Output off current Low, 3–state data bus
VIN = VCC
VIN = 0
–1
10
1
µA
IODL
IODH
Open–drain output Low current in off state: IRQN
Open–drain output Low current in off state: IRQN
VIN = 0
VIN = VCC
–1
1
µA
ICC
Power supply current
Operating mode
TTL input levels 25
°C
with X1 = 4MHz
50
mA
Power down mode*
5
mA
* See UART application note for power down currents less than 5
µA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com