Electronic Components Datasheet Search
  English  ▼

X  

SC68C94 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # SC68C94
Description  Quad universal asynchronous receiver/transmitter QUART
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC68C94 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button SC68C94 Datasheet HTML 21Page - NXP Semiconductors SC68C94 Datasheet HTML 22Page - NXP Semiconductors SC68C94 Datasheet HTML 23Page - NXP Semiconductors SC68C94 Datasheet HTML 24Page - NXP Semiconductors SC68C94 Datasheet HTML 25Page - NXP Semiconductors SC68C94 Datasheet HTML 26Page - NXP Semiconductors SC68C94 Datasheet HTML 27Page - NXP Semiconductors SC68C94 Datasheet HTML 28Page - NXP Semiconductors SC68C94 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
Philips Semiconductors
Product specification
SC68C94
Quad universal asynchronous receiver/transmitter (QUART)
1995 May 1
25
AC ELECTRICAL CHARACTERISTICS TA = 25°C; VCC = 5V ± 10%, unless otherwise specified. Limits shown as nn/nn refer to
Commercial/Industrial temperature range. Single numbers apply to both ranges.
NO.
FIGURE
CHARACTERISTIC
LIMITS
UNIT
NO.
FIGURE
CHARACTERISTIC
Min
Typ
Max
UNIT
1
3
D[7:0] Valid after IACKN Low
110/115
ns
2
3
DACKN Low after IACKN Low
10 + 2
X1 edges1
90/122 + 3
X1 edges1
ns
3
3
D[7:0] floating after IACKN High
0
30
ns
4
3
DACKN High after IACKN High
0
30
ns
5
3
IACKN High after IACKN Low
110/115
ns
NOTE:
1. Consecutive write operations to the upper four bits of the Command Register (CR) require at least three X1/CLK edges; four X1/CLK edges
in the ‘X1/CLK divide by 2 edges’ according to register 2E or 2F setting.
IRQN
IACKN
D[7:0]
DACKN
1
5
2
3
4
SD00165
NOTE: Rise time of IRQN is dependent on external circuit.
Figure 3. Interrupt Knowledge (IACKN) Timing
OSC/N
EVAL/HOLD
IACKN
CIR
VALUE FOR THIS INTERRUPT
SD00182
Figure 4. Interrupt Bid Arbitration Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com