Electronic Components Datasheet Search
  English  ▼

X  

SC68C94 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # SC68C94
Description  Quad universal asynchronous receiver/transmitter QUART
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC68C94 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button SC68C94 Datasheet HTML 24Page - NXP Semiconductors SC68C94 Datasheet HTML 25Page - NXP Semiconductors SC68C94 Datasheet HTML 26Page - NXP Semiconductors SC68C94 Datasheet HTML 27Page - NXP Semiconductors SC68C94 Datasheet HTML 28Page - NXP Semiconductors SC68C94 Datasheet HTML 29Page - NXP Semiconductors SC68C94 Datasheet HTML 30Page - NXP Semiconductors SC68C94 Datasheet HTML 31Page - NXP Semiconductors SC68C94 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
Philips Semiconductors
Product specification
SC68C94
Quad universal asynchronous receiver/transmitter (QUART)
1995 May 1
28
C1 and C2 should be chosen according to the
crystal manufacturer’s specification.
C1 and C2 values will include any parasitic
capacitance of the wiring.
X1/CLK
CTCLK
RxC
TxC
tCLK
tCTC
tRx
tTx
tCLK
tCTC
tRx
tTx
+5V
1K required for
TTL gate.
X1
X2
C1 = C2 = 24pF FOR CL = 20PF
X1
X2
3.6864MHz
3pF
4pF
50 KOHMs
TO
150 KOHMs
26C94
NOTES:
C1 and C2 should be based on manufacturer’s specification.
X1 and X2 parasitic capacitance IS 1-2pF AND 3-5pF, respectively.
GAIN:
at 4MHz 8 to 14db; at 8MHz 2 to 6db
PHASE: at 4MHz 272
° to 276°; at 8MHz 272° to 276°
TYPICAL CRYSTAL SPECIFICATION
FREQUENCY:
2 – 4MHZ
LOAD CAPACITANCE (CL):
12 – 32pF
TYPE OF OPERATION:
PARALLEL RESONANT, FUNDAMENTAL MODE
NC
C1
C2
MUX
To
remainder
of circuit
÷ 2
38.4kHz CLOCK
BRG
TO I/O CHANGE-OF-STATE DETECTORS
22
STANDARD
BAUD
RATES
SD00172
Figure 10. Clock Timing
TxC
(INPUT)
TxD
TxC
(1X OUTPUT)
1 BIT TIME
(1 OR 16 CLOCKS
tTCS
tTXD
SD00173
Figure 11. Transit Clock Timng



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com