Electronic Components Datasheet Search
  English  ▼

X  

LTC1159CS Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1159CS
Description  High Efficiency Synchronous Step-Down Switching Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1159CS Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1159CS Datasheet HTML 8Page - Linear Technology LTC1159CS Datasheet HTML 9Page - Linear Technology LTC1159CS Datasheet HTML 10Page - Linear Technology LTC1159CS Datasheet HTML 11Page - Linear Technology LTC1159CS Datasheet HTML 12Page - Linear Technology LTC1159CS Datasheet HTML 13Page - Linear Technology LTC1159CS Datasheet HTML 14Page - Linear Technology LTC1159CS Datasheet HTML 15Page - Linear Technology LTC1159CS Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
LTC1159
LTC1159-3.3/LTC1159-5
4. EXTVCC Connected to an External Supply. If an external
supply is available in the 5V to 12V range, it may be used
to power EXTVCC providing it is compatible with the
MOSFET gate drive requirements. There are no restrictions
on the EXTVCC voltage relative to VIN. EXTVCC may be
higher than VIN providing EXTVCC does not exceed the 15V
absolute maximum rating.
When driving standard threshold MOSFETs, the exter-
nal supply must always be present during operation to
prevent MOSFET failure due to insufficient gate drive. The
LTC1149 family should also be considered for applications
which require the use of standard threshold MOSFETs.
Important Information About LTC1159 Adjustable
Applications
When an output voltage other than 3.3V or 5V is required,
the LTC1159 adjustable version is used with an external
resistive divider from VOUT to the VFB pin (Figure 6). The
regulated voltage is determined by:
VOUT =
1.25V
)
)1+ R2
R1
The VFB pin is extremely sensitive to pickup from the
inductor switching node. Care should be taken to isolate
the feedback network from the inductor, and the 100pF
capacitor should be connected between the VFB and SGND
pins next to the package.
In LTC1159N and LTC1159S applications with VOUT >
5.5V, the VCC pin may self-power through the SENSE pins
when SHDN2 is taken high, preventing shutdown. In these
applications, a pull-down must be added to the SENSE– pin
as shown in Figure 6. This pull-down effectively takes the
place of the SHDN1 pin, ensuring complete shutdown.
Note: For versions in which both the SHDN1 and SHDN2
pins are available (LTC1159G and all fixed output ver-
sions), the two pins are simply connected to each other and
driven together to guarantee complete shutdown.
The Figure 6 circuit cannot be used to regulate a VOUTwhich
is greater than the maximum voltage allowed on the
LTC1159 SENSE pins (13V). In applications with VOUT >
13V, RSENSE must be moved to the ground side of the
output capacitor and load. This operates the current sense
comparator at 0V common mode, increasing the off-time
approximately 40% and requiring the use of a smaller
timing capacitor CT.
Inverting Regular Applications
The LTC1159 can also be used to obtain negative output
voltages from positive inputs. In these inverting applica-
tions, the current sense resistor connects to ground while
the LTC1159 and N-channel MOSFET connections, which
would normally go to ground, instead ride on the negative
output. This allows the negative output voltage to be set by
Figure 6. High Efficiency Adjustable Regulator with 5.5V < VOUT < 13V
4
3
2
1
0.15
µF
VIN
CAP
P-DRIVE
PGND
EXTVCC
VFB
LTC1159
ITH
CT
P-GATE
VCC
VCC
SHDN2
SENSE–
SENSE+
Si4840DY
Si4401DY
VN2222LL
0.1
µF
100pF
5M
1N4148
VIN
1N5819
0.01
µF
100
Ω
100
Ω
100
µF
50V
150
µF
16V
OS-CON
1
µF
0V = NORMAL
>3V = SHUTDOWN
3300pF
CT
390pF
1k
N-GATE
SGND
VOUT
R1
24.9k
LTC1159 • F06
R2
215k
VOUT =
()
1 + R2
R1
VALUES SHOWN FOR VOUT = 12V/2.5A
100
µH
RSENSE
0.039
Ω
1.25
+
+
+
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com