Electronic Components Datasheet Search
  English  ▼

X  

LTC1159CS Datasheet(PDF) 15 Page - Linear Technology

Part # LTC1159CS
Description  High Efficiency Synchronous Step-Down Switching Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1159CS Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC1159CS Datasheet HTML 11Page - Linear Technology LTC1159CS Datasheet HTML 12Page - Linear Technology LTC1159CS Datasheet HTML 13Page - Linear Technology LTC1159CS Datasheet HTML 14Page - Linear Technology LTC1159CS Datasheet HTML 15Page - Linear Technology LTC1159CS Datasheet HTML 16Page - Linear Technology LTC1159CS Datasheet HTML 17Page - Linear Technology LTC1159CS Datasheet HTML 18Page - Linear Technology LTC1159CS Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15
LTC1159
LTC1159-3.3/LTC1159-5
1) Are the signal and power grounds segregated? The
LTC1159 signal ground must connect separately to the
(–) plate of COUT. The other ground pin(s) should return to
the source of the N-channel MOSFET, anode of the Schot-
tky diode and (–) plate of CIN, which should have as short
lead lengths as possible.
2) Does the LTC1159 SENSE– pin connect to a point close
to RSENSE and the (+) plate of COUT? In adjustable applica-
tions, the resistive divider R1, R2 must be connected
between the (+) plate of COUT and signal ground.
3) Are the SENSE – and SENSE + leads routed together
with minimum PC trace spacing? The differential
decoupling capacitor between the two SENSE pins should
be as close as possible to the LTC1159. Up to 100
Ω may
be placed in series with each sense lead to help decouple
the SENSE pins. However, when these resistors are used,
the capacitor should be no larger than 1000pF.
4) Does the (+) plate of CIN connect to the source of the
P-channel MOSFET as closely as possible? An additional
0.1
µF ceramic capacitor between VIN and power ground
may be required in some applications.
5) Is the VCC decoupling capacitor connected closely be-
tween the VCC pins of the LTC1159 and power ground?
This capacitor carries the MOSFET driver peak currents.
6) In adjustable versions, the feedback pin is very sensitive
to pickup from the switch node. Care must be taken to
isolate VFB from possible capacitive coupling of the induc-
tor switch signal.
7) Is the SHDN1 pin actively pulled to ground during
normal operation? SHDN1 is a high impedance pin and
must not be allowed to float.
Troubleshooting Hints
Since efficiency is critical to LTC1159 applications it is very
important to verify that the circuit is functioning correctly
in both continuous and Burst Mode operation. The wave-
form to monitor is the voltage on the CT pin .
In continuous mode (ILOAD > IBURST) the voltage should be
a sawtooth with a 0.9VP-P swing. This voltage should never
dip below 2V as shown in Figure 9a. When the load current
is low (ILOAD < IBURST), Burst Mode operation should occur
with the CT waveform periodically falling to ground as
shown in Figure 9b.
If the CT pin is observed falling to ground at high output
currents, it indicates poor decoupling or improper ground-
ing. Refer to the Board Layout Checklist.
3.3V
0V
(a) CONTINUOUS MODE OPERATION
3.3V
0V
(b) Burst Mode OPERATION
LTC1159 • F09
Figure 9. CT Pin 6 Waveforms
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com