Electronic Components Datasheet Search
  English  ▼

X  

LTC1159CS Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1159CS
Description  High Efficiency Synchronous Step-Down Switching Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1159CS Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1159CS Datasheet HTML 10Page - Linear Technology LTC1159CS Datasheet HTML 11Page - Linear Technology LTC1159CS Datasheet HTML 12Page - Linear Technology LTC1159CS Datasheet HTML 13Page - Linear Technology LTC1159CS Datasheet HTML 14Page - Linear Technology LTC1159CS Datasheet HTML 15Page - Linear Technology LTC1159CS Datasheet HTML 16Page - Linear Technology LTC1159CS Datasheet HTML 17Page - Linear Technology LTC1159CS Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
LTC1159
LTC1159-3.3/LTC1159-5
certain types of inductors in high current (IOUT > 5A)
applications when they are lightly loaded.
An external offset is put in series with the SENSE – pin to
subtract from the built-in 0.025V offset. An example of this
technique is shown in Figure 7. Two 100
Ω resistors are
inserted in series with the leads from the sense resistor.
With the addition of R3, a current is generated through R1
causing an offset of:
VOFFSET = VOUT
)
) R1
R1 + R3
If VOFFSET > 0.025V, the minimum threshold will be
cancelled and Burst Mode operation is prevented from
occurring. Since VOFFSET is constant, the maximum load
current is also decreased by the same offset. Thus, to get
back to the same IMAX, the value of the sense resistor must
be reduced:
RSENSE ≈
m
Ω
75
IMAX
To prevent noise spikes from erroneously tripping the
current comparator, a 1000pF capacitor is needed across
the SENSE– and SENSE+ pins.
Board Layout Checklist
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of the
LTC1159. These items are also illustrated graphically in
the layout diagram of Figure 8. Check the following in your
layout:
4
3
2
1
LTC1159
SENSE+
SENSE –
9
8
1000pF
R1
100
Ω
R2
100
Ω
L
RSENSE
COUT
R3
LTC1159 • F07
+
Figure 7. Suppressing Burst Mode Operation
4
3
2
1
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
P-GATE
VIN
VCC
P-DRIVE
VCC
CT
ITH
SENSE–
CAP
SHDN2
EXTVCC
N-GATE
PGND
SGND
SENSE+
COUT
D1
P-CHANNEL
1k
3300pF
CT
R1
R2
RSENSE
N-CHANNEL
CIN
L
+
–
–
+
VOUT
VIN
OUTPUT DIVIDER
REQUIRED WITH
ADJUSTABLE
VERSION ONLY
BOLD LINES INDICATE HIGH CURRENT PATHS
LTC1159 • F08
1000pF
100pF
1
µF
0.15
µF
1N4148
SHUTDOWN
5V EXTVCC
CONNECTION
0.1
µF
VFB
(SHDN1)
Figure 8. LTC1159 Layout Diagram (N and S Packages)
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com