Electronic Components Datasheet Search
  English  ▼

X  

LTC1159CS Datasheet(PDF) 17 Page - Linear Technology

Part # LTC1159CS
Description  High Efficiency Synchronous Step-Down Switching Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1159CS Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC1159CS Datasheet HTML 12Page - Linear Technology LTC1159CS Datasheet HTML 13Page - Linear Technology LTC1159CS Datasheet HTML 14Page - Linear Technology LTC1159CS Datasheet HTML 15Page - Linear Technology LTC1159CS Datasheet HTML 16Page - Linear Technology LTC1159CS Datasheet HTML 17Page - Linear Technology LTC1159CS Datasheet HTML 18Page - Linear Technology LTC1159CS Datasheet HTML 19Page - Linear Technology LTC1159CS Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17
LTC1159
LTC1159-3.3/LTC1159-5
Figure 12. High Current, High Efficiency 15V to 40V Input 5V/10A Output Regulator
4
3
2
1
P-GATE
VIN
VCC
P-DRIVE
VCC
CT
ITH
SENSE–
CAP
SHDN2
EXTVCC
N-GATE
PGND
SGND
SHDN1
SENSE+
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
LTC1159-5
0.15
µF
0.33
µF
0.1
µF
1N4148
1N4148
750pF
470
Ω
100
Ω
100
Ω
18k
0.047
µF
10
µF
1000pF
SHUTDOWN
MTP75N05HD
MBR350
1
µF
WIMA
1200
µF
50V
× 2
LXF
VIN
15V TO 40V
12V
L*
22
µH
RSENSE**
0.01
Ω
220
µF
10V
× 3
OS-CON
LTC1159 • F12
VOUT
5V/10A
*HURRICANE LAB HL-KK122T/BB
**DALE LVR-3-0.01
SMP40P06
HEAT SINK
MPSA56
MPSA06
MPSA56
1N4148
+
+
+
Figure 13. High Efficiency 15V to 40V Input 12V/5A Output Regulator
4
3
2
1
P-GATE
VIN
VCC
P-DRIVE
VCC
CT
ITH
SENSE–
CAP
SHDN2
EXTVCC
N-GATE
PGND
SGND
VFB
SENSE+
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
LTC1159
0.15
µF
0.1
µF
1N4148
1N4148
390pF
470
Ω
10.5k
1%
5M
3300pF
3.3
µF
1000pF
0V = NORMAL
>3V = SHUTDOWN
VN2222LL
100pF
100
Ω
100
Ω
MBR350
1
µF
WIMA
100
µF
63V
× 2
SXC
VIN
15V TO 40V
L*
50
µH
RSENSE**
0.02
Ω
150
µF
16V
× 2
OS-CON
LTC1159 • F13
VOUT
12V/5A
*COILTRONICS CTX50-5-KM
**IRC LO-3-0.02
±5%
Si4401DY
Si4840DY
90.9k
1%
+
+
+
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com