Electronic Components Datasheet Search
  English  ▼

X  

LTC2450 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2450
Description  Easy-to-Use, Ultra-Tiny 16-Bit ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2450 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2450 Datasheet HTML 4Page - Linear Technology LTC2450 Datasheet HTML 5Page - Linear Technology LTC2450 Datasheet HTML 6Page - Linear Technology LTC2450 Datasheet HTML 7Page - Linear Technology LTC2450 Datasheet HTML 8Page - Linear Technology LTC2450 Datasheet HTML 9Page - Linear Technology LTC2450 Datasheet HTML 10Page - Linear Technology LTC2450 Datasheet HTML 11Page - Linear Technology LTC2450 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTC2450

2450fa
applications inForMation
this range. Thus the converter resolution remains at 1LSB
independent of the reference voltage. INL, offset, and full-
scale errors vary with the reference voltage as indicated
by the Typical Performance Characteristics graphs. These
error terms will decrease with an increase in the reference
voltage (as the LSB size in µV increases).
Input Voltage Range
The ADC is capable of digitizing true rail-to-rail input sig-
nals. Ignoring offset and full-scale errors, the converter
will theoretically output an “all zero” digital result when the
inputisatground(azeroscaleinput)andan“allone”digital
result when the input is at VCC (a full-scale input).
The converter offset and gain error specifications ensure
that all 65536 possible codes will be produced within this
voltage range. In an under-range condition, for all input
voltages less than the voltage corresponding to output
code 0, the converter will generate the output code 0.
In an over-range condition, for all input voltages greater
than the voltage corresponding to output code 65535 the
converter will generate the output code 65535.
Output Data Format
The LTC2450 generates a 16-bit direct binary encoded
result. It is provided, MSB first, as a 16-bit serial stream
through the SDO output pin under the control of the SCK
input pin (see Figure 3).
Ease of Use
TheLTC2450dataoutputhasnolatency,filtersettlingdelay
or redundant results associated with the conversion cycle.
Thereisaone-to-onecorrespondencebetweentheconver-
sion and the output data. Therefore, multiplexing multiple
analog input voltages requires no special actions.
The LTC2450 performs offset and full-scale calibrations
every conversion. This calibration is transparent to the
user and has no effect upon the cyclic operation described
previously. The advantage of continuous calibration is
extreme stability of the ADC performance with respect to
time and temperature.
TheLTC2450includesaproprietaryinputsamplingscheme
that reduces the average input current several orders of
magnitude as compared to traditional delta sigma archi-
tectures. This allows external filter networks to interface
directly to the LTC2450. Since the average input sampling
current is 50nA, an external RC lowpass filter using a 1k
Ω
and 0.1µF results in <1LSB error.
Reference Voltage Range
The converter uses the power supply voltage (VCC) as the
positive reference voltage (see Figure 1). Thus, the refer-
ence range is the same as the power supply range, which
extends from 2.7V to 5.5V. The LTC2450’s internal noise
level is extremely low so the output peak-to-peak noise
remains well below 1LSB for any reference voltage within
D15
LSB
SDO
SCK
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D0
D1
2450 F02
t1
t3
tKQ
tlSCK
thSCK
t2
CS
MSB
Figure 3. Data Output Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com