Electronic Components Datasheet Search
  English  ▼

X  

LTC2450 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2450
Description  Easy-to-Use, Ultra-Tiny 16-Bit ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2450 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2450 Datasheet HTML 2Page - Linear Technology LTC2450 Datasheet HTML 3Page - Linear Technology LTC2450 Datasheet HTML 4Page - Linear Technology LTC2450 Datasheet HTML 5Page - Linear Technology LTC2450 Datasheet HTML 6Page - Linear Technology LTC2450 Datasheet HTML 7Page - Linear Technology LTC2450 Datasheet HTML 8Page - Linear Technology LTC2450 Datasheet HTML 9Page - Linear Technology LTC2450 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC2450

2450fa
pin Functions
VCC (Pin 1): Positive Supply Voltage and Converter Refer-
ence Voltage. Bypass to GND (Pin 3) with a 10µF capacitor
in parallel with a low series inductance 0.1µF capacitor
located as close to the part as possible.
VIN (Pin 2): Analog Input Voltage.
GND (Pin 3): Ground. Connect to a ground plane through
a low impedance connection.
CS(Pin4):ChipSelectActiveLOWDigitalInput.ALOWon
this pin enables the SDO digital output. A HIGH on this pin
places the SDO output pin in a high impedance state.
SDO (Pin 5): Three-State Serial Data Output. SDO is used
for serial data output during the DATA OUTPUT state and
can be used to monitor the conversion status.
SCK(Pin6):SerialClockInput.SCKsynchronizestheserial
data output. While digital data is available (the ADC is not
in CONVERT state) and CS is LOW (ADC is not in SLEEP
state) a new data bit is produced at the SDO output pin
following every falling edge applied to the SCK pin.
Exposed Pad (Pin 7): Ground. The Exposed Pad must be
soldered to the same point as Pin 3.
Functional block DiaGraM
SPI
INTERFACE
16 BIT
DS
A/D
CONVERTER
INTERNAL
OSCILLATOR
REF +
CS
SDO
SCK
GND
VIN
VCC
VCC
REF –
2450 BD
Figure 1. Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com