Electronic Components Datasheet Search
  English  ▼

X  

LTC2450 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2450
Description  Easy-to-Use, Ultra-Tiny 16-Bit ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2450 Datasheet(HTML) 2 Page - Linear Technology

  LTC2450 Datasheet HTML 1Page - Linear Technology LTC2450 Datasheet HTML 2Page - Linear Technology LTC2450 Datasheet HTML 3Page - Linear Technology LTC2450 Datasheet HTML 4Page - Linear Technology LTC2450 Datasheet HTML 5Page - Linear Technology LTC2450 Datasheet HTML 6Page - Linear Technology LTC2450 Datasheet HTML 7Page - Linear Technology LTC2450 Datasheet HTML 8Page - Linear Technology LTC2450 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC2450

2450fa
pin conFiGuration
electrical characteristics
absolute MaxiMuM ratinGs
Supply Voltage (VCC) ................................... –0.3V to 6V
Analog Input Voltage (VIN)............–0.3V to (VCC + 0.3V)
Digital Input Voltage......................–0.3V to (VCC + 0.3V)
Digital Output Voltage ...................–0.3V to (VCC + 0.3V)
Operating Temperature Range
LTC2450C ................................................ 0°C to 70°C
LTC2450I.............................................. –40°C to 85°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10sec) ................... 300°C
(Notes 1, 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution (No missing codes)
(Note 3)
●
16
Bits
Integral Nonlinearity
(Note 4)
●
2
10
LSB
Offset Error
●
2
8
LSB
Offset Error Drift
0.02
LSB/°C
Gain Error
●
0.01
0.02
% of FS
Gain Error Drift
0.02
LSB/°C
Transition Noise
1.4
µVRMS
Power Supply Rejection DC
100Hz-100kHz
80
dB
TOP VIEW
VCC
VIN
GND
4
5
7
6
3
2
1
SDO
SCK
CS
DC PACKAGE
6-LEAD (2mm x 2mm) PLASTIC DFN
TJMAX = 125°C, θJA = 102°C/W
EXPOSED PAD (PIN7) IS GND, MUST BE SOLDERED TO PCB
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 2)
analoG input
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Voltage Range
●
0
VCC
CIN
IN Sampling Capacitance
0.35
pF
IDC_LEAK (VIN)
IN DC Leakage Current
VIN = GND (Note 5)
VIN = VCC (Note 5)
●
●
–10
–10
1
1
10
10
nA
nA
ICONV
Input Sampling Current (Note 9)
50
nA
The ● denotes the specifications which apply over the full operating temperature range,otherwise
specifications are at TA = 25°C.
Lead Free Finish
TAPE AND REAL (MINI) TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2450CDC#TRMPBF
LTC2450CDC#TRPBF
LCTR
6-Lead (2mm
× 2mm) Plastic DFN
0°C to 70°C
LTC2450IDC#TRMPBF
LTC2450IDC#TRPBF
LCTR
6-Lead (2mm
× 2mm) Plastic DFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
orDer inForMation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com