Electronic Components Datasheet Search
  English  ▼

X  

LTC2450 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2450
Description  Easy-to-Use, Ultra-Tiny 16-Bit ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2450 Datasheet(HTML) 3 Page - Linear Technology

  LTC2450 Datasheet HTML 1Page - Linear Technology LTC2450 Datasheet HTML 2Page - Linear Technology LTC2450 Datasheet HTML 3Page - Linear Technology LTC2450 Datasheet HTML 4Page - Linear Technology LTC2450 Datasheet HTML 5Page - Linear Technology LTC2450 Datasheet HTML 6Page - Linear Technology LTC2450 Datasheet HTML 7Page - Linear Technology LTC2450 Datasheet HTML 8Page - Linear Technology LTC2450 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC2450

2450fa
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All voltage values are with respect to GND. VCC = 2.7V to 5.5V
unless otherwise specified.
Note 3: Guaranteed by design, not subject to test.
Note 4: Integral nonlinearity is defined as the deviation of a code from
a straight line passing through the actual endpoints of the transfer
curve. The deviation is measured from the center of the quantization
band. Guaranteed by design, test correlation and 3 point transfer curve
measurement.
DiGital inputs anD DiGital outputs
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Supply Voltage
●
2.7
5.5
V
ICC
Supply Current
Conversion
Sleep
CS = GND (Note 6)
CS = VCC (Note 6)
●
●
350
0.05
600
0.5
µA
µA
The ● denotes the specifications which apply over the full
operating temperature range,otherwise specifications are at TA = 25°C. (Note 2)
power requireMents
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
●
VCC – 0.3
V
VIL
Low Level Input Voltage
●
0.3
V
IIN
Digital Input Current
●
–10
10
µA
CIN
Digital Input Capacitance
10
pF
VOH
High Level Output Voltage
IO = –800mA
●
VCC – 0.5
V
VOL
Low Level Output Voltage
IO = –1.6mA
●
0.4
V
IOZ
Hi-Z Output Leakage Current
●
–10
10
µA
The ● denotes the specifications which apply over the full operating temperature
range,otherwise specifications are at TA = 25°C.
tiMinG characteristics The
●
denotes the specifications which apply over the full operating temperature
range,otherwise specifications are at TA = 25°C.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tCONV
Conversion Time
●
29
33.3
42
ms
fSCK
SCK Frequency Range
●
2
MHz
tlSCK
SCK Low Period
●
250
ns
thSCK
SCK High Period
●
250
ns
t1
CS Falling Edge to SDO Low Z
(Notes 7, 8)
●
0
100
ns
t2
CS Rising Edge to SDO High Z
(Notes 7, 8)
●
0
100
ns
t3
CS Falling Edge to SCK Falling Edge
●
100
ns
tKQ
SCK Falling Edge to SDO Valid
(Note 7)
●
0
100
ns
Note 5: CS = VCC. A positive current is flowing into the DUT pin.
Note 6: SCK = VCC or GND. SDO is high impedance.
Note 7: See Figure 3.
Note 8: See Figure 4.
Note 9: Input sampling current is the average input current drawn from the
input sampling network while the LTC2450 is actively sampling the input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com