Electronic Components Datasheet Search
  English  ▼

X  

LTC2450 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2450
Description  Easy-to-Use, Ultra-Tiny 16-Bit ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2450 Datasheet(HTML) 4 Page - Linear Technology

  LTC2450 Datasheet HTML 1Page - Linear Technology LTC2450 Datasheet HTML 2Page - Linear Technology LTC2450 Datasheet HTML 3Page - Linear Technology LTC2450 Datasheet HTML 4Page - Linear Technology LTC2450 Datasheet HTML 5Page - Linear Technology LTC2450 Datasheet HTML 6Page - Linear Technology LTC2450 Datasheet HTML 7Page - Linear Technology LTC2450 Datasheet HTML 8Page - Linear Technology LTC2450 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC2450

2450fa
typical perForMance characteristics
Integral Nonlinearity, VCC = 5V
Integral Nonlinearity, VCC = 3V
Maximum INL vs Temperature
Offset Error vs Temperature
Gain Error vs Temperature
Transition Noise vs Temperature
Transition Noise vs Output Code
Conversion Mode Power Supply
Current vs Temperature
TEMPERATURE (
°C)
–50
2.0
5.0
25
75
100
2450 G03
1.0
0.5
4.0
3.0
1.5
4.5
0
3.5
2.5
–25
0
50
VCC = 5V
VCC = 4.1V
VCC = 3V
TEMPERATURE (
°C)
–50
2.0
5.0
25
75
100
2450 G04
1.0
0.5
4.0
3.0
1.5
4.5
0
3.5
2.5
–25
0
50
VCC = 5V
VCC = 4.1V
VCC = 3V
TEMPERATURE (
°C)
–50
2.0
5.0
25
75
100
2450 G05
1.0
0.5
4.0
3.0
1.5
4.5
0
3.5
2.5
–25
0
50
VCC = 5V
VCC = 4.1V
VCC = 3V
TEMPERATURE (
°C)
–50
1.50
3.00
10
70
90
2450 G06
1.00
0.25
0.50
0.75
2.50
2.00
1.25
2.75
0
2.25
1.75
–30 –10
30
50
VCC = 5V
VCC = 4.1V
VCC = 3V
OUTPUT CODE (NORMALIZED TO FULL SCALE)
0
1.50
3.00
0.80
1.00
2450 G07
1.00
0.25
0.50
0.75
2.50
2.00
1.25
2.75
0
2.25
1.75
0.20
0.40
0.60
VCC = 5V
VCC = 3V
TA = 25°C
INPUT VOLTAGE (V)
0
–3.0
–2.0
–1.0
0
1.0
3.0
1.5
2.5
3.5
2450 G01
4.5
0.5 1.0
2.0
3.0
4.0
5.0
2.0
–2.5
–1.5
–0.5
0.5
2.5
1.5
VCC = VREF = 5V
TA = –45°C, 25°C, 90°C
INPUT VOLTAGE (V)
0
–3.0
–2.0
–1.0
0
1.0
3.0
0.5
1.0
1.5
2.0
2450 G02
2.5
3.0
2.0
–2.5
–1.5
–0.5
0.5
2.5
1.5
VCC = VREF = 3V
TA = –45°C, 25°C, 90°C
TEMPERATURE (
°C)
–45 –25
0
200
500
–5
35
55
2450 G08
100
400
300
15
75
95
VCC = 5V
VCC = 3V
VCC = 4.1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com