Electronic Components Datasheet Search
  English  ▼

X  

AD5675R Datasheet(PDF) 30 Page - Analog Devices

Part # AD5675R
Description  16-Channel, 12-/16-Bit nanoDAC with 2 ppm/°C Voltage Reference Temperature Coefficient, SPI Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5675R Datasheet(HTML) 30 Page - Analog Devices

Back Button AD5675R Datasheet HTML 24Page - Analog Devices AD5675R Datasheet HTML 25Page - Analog Devices AD5675R Datasheet HTML 26Page - Analog Devices AD5675R Datasheet HTML 27Page - Analog Devices AD5675R Datasheet HTML 28Page - Analog Devices AD5675R Datasheet HTML 29Page - Analog Devices AD5675R Datasheet HTML 30Page - Analog Devices AD5675R Datasheet HTML 31Page - Analog Devices AD5675R Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
AD5674/AD5674R/AD5679/AD5679R
Data Sheet
Rev. B | Page 30 of 32
APPLICATIONS INFORMATION
POWER SUPPLY RECOMMENDATIONS
The following supplies typically power the AD5674/AD5674R/
AD5679/AD5679R: VDD = 3.3 V and VLOGIC = 1.8 V.
The ADP7118 can be used to power the VDD pin. The ADP160
can be used to power the VLOGIC pin. Figure 67 shows this setup.
The ADP7118 can operate from input voltages up to 20 V. The
ADP160 can operate from input voltages up to 5.5 V.
Figure 67. Low Noise Power Solution for the
AD5674/AD5674R/AD5679/AD5679R
MICROPROCESSOR INTERFACING
Microprocessor interfacing to the AD5674/AD5674R/AD5679/
AD5679R is performed via a serial bus that uses a standard
protocol compatible with DSP processors and microcontrollers.
The communications channel requires a 3-wire or 4-wire interface
consisting of a clock signal, a data signal, and a synchronization
signal. The device requires a 24-bit data-word with data valid
on the rising edge of SYNC.
AD5674/AD5674R/AD5679/AD5679R TO ADSP-
BF531 INTERFACE
The SPI interface of the AD5674/AD5674R/AD5679/AD5679R
can connect to industry-standard DSPs and microcontrollers.
Figure 68 shows the AD5674/AD5674R/AD5679/AD5679R
connected to the Analog Devices Blackfin® DSP. The Blackfin
has an integrated SPI port that can connect directly to the SPI
pins of the AD5674/AD5674R/AD5679/AD5679R.
Figure 68. ADSP-BF531 Interface
AD5674/AD5674R/AD5679/AD5679R TO SPORT
INTERFACE
The Analog Devices ADSP-BF527 has one SPORT® serial port.
Figure 69 shows how a SPORT interface is used to control the
AD5674/AD5674R/AD5679/AD5679R.
Figure 69. SPORT Interface
LAYOUT GUIDELINES
In any circuit where accuracy is important, careful consideration
of the power supply and ground return layout helps to ensure
the rated performance. Design the PCB on which the AD5674/
AD5674R/AD5679/AD5679R is mounted so that the device lies
on the analog plane.
The AD5674/AD5674R/AD5679/AD5679R must have ample
supply bypassing of 10 µF in parallel with 0.1 µF on each supply,
located as close to the package as possible, ideally up against the
device. The 10 µF capacitors are tantalum bead type. The 0.1 µF
capacitors must have low effective series resistance (ESR) and low
effective series inductance (ESI), such as the common ceramic
types, which provide a low impedance path to ground at high
frequencies to handle transient currents due to internal logic
switching.
In systems where there are many devices on one board, it is often
useful to provide some heat sinking capability to allow the
power to dissipate easily.
The GND plane on the device can be increased (as shown in
Figure 70) to provide a natural heat sinking effect.
Figure 70. Pad Connection to the Board
ADP160
LDO
1.8V: VLOGIC
ADP7118
LDO
3.3V: VDD
5V
INPUT
ADSP-BF531
SYNC
SPISELx
SCLK
SCK
LDAC
PF9
RESET
PF8
SDI
MOSI
AD5679R/
AD5679/
AD5674R/
AD5674
ADSP-BF531
SYNC
TFS0
SCLK
TSCLK0
LDAC
PF8
RESET
PF9
SDI
DT0PRI
AD5679R/
AD5679/
AD5674R/
AD5674
GND PLANE
BOARD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com