Electronic Components Datasheet Search
  English  ▼

X  

AD5675R Datasheet(PDF) 27 Page - Analog Devices

Part # AD5675R
Description  16-Channel, 12-/16-Bit nanoDAC with 2 ppm/°C Voltage Reference Temperature Coefficient, SPI Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5675R Datasheet(HTML) 27 Page - Analog Devices

Back Button AD5675R Datasheet HTML 23Page - Analog Devices AD5675R Datasheet HTML 24Page - Analog Devices AD5675R Datasheet HTML 25Page - Analog Devices AD5675R Datasheet HTML 26Page - Analog Devices AD5675R Datasheet HTML 27Page - Analog Devices AD5675R Datasheet HTML 28Page - Analog Devices AD5675R Datasheet HTML 29Page - Analog Devices AD5675R Datasheet HTML 30Page - Analog Devices AD5675R Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
Data Sheet
AD5674/AD5674R/AD5679/AD5679R
Rev. B | Page 27 of 32
LOAD DAC (HARDWARE LDAC PIN)
The AD5674/AD5674R/AD5679/AD5679R DACs have double
buffered interfaces consisting of two banks of registers: input
registers and DAC registers. The user can write to any
combination of the input registers. Updates to the DAC register
are controlled by the LDAC pin.
Instantaneous DAC Updating (LDAC Held Low)
For instantaneous updating of the DACs, LDAC is held low and
data is clocked to the input register using Command 0001. Both
the addressed input register and the DAC register are updated
on the rising edge of SYNC, and the output begins to change
(see Table 17).
Figure 63. Simplified Diagram of Input Loading Circuitry for a Single DAC
Deferred DAC Updating (LDAC is Pulsed Low)
For deferred updating of the DACs, LDAC is held high and data
is clocked to the input register using Command 0001. All DAC
outputs are asynchronously updated by bringing LDAC low
after SYNC is brought high. The update now occurs on the
falling edge of LDAC.
LDAC MASK REGISTER
Command 0101 is reserved for this software LDAC function.
Address bits are ignored. Writing to the DAC, using
Command 0101, loads the 16-bit LDAC register (DB15 to DB0).
The default for each channel is 0, that is, the LDAC pin works
normally. Setting the bits to 1 forces this DAC channel to ignore
transitions on the LDAC pin, regardless of the state of the
hardware LDAC pin. This flexibility is useful in applications
where the user wants to select which channels respond to the
LDAC pin.
The LDAC register gives the user extra flexibility and control
over the hardware LDAC pin (see Table 16). Setting the LDAC
bits (DB0 to DB15) to 0 for a DAC channel means that this
channel update is controlled by the hardware LDAC pin.
Table 16. LDAC Overwrite Definition
Load LDAC Register
LDAC Bits (DB15 to DB0)
LDAC Pin
LDAC Operation
0000000000000000
1 or 0
Determined by the LDAC pin.
1111111111111111
X1
DAC channels update and override the LDAC pin. DAC channels see LDAC as 1.
Table 17. Write Commands and LDAC Pin Truth Table1
Command
Description
Hardware LDAC Pin
State
Input Register
Contents
DAC Register Contents
0001
Write to Input Register n (dependent on
LDAC)
VLOGIC
Data update
No change (no update)
GND2
Data update
Data update
0010
Update DAC Register n with contents of
Input Register n
VLOGIC
No change
Updated with input register
contents
GND
No change
Updated with input register
contents
0011
Write to and update DAC Channel n
VLOGIC
Data update
Data update
GND
Data update
Data update
1
A high to low hardware LDAC pin transition always updates the contents of the DAC register with the contents of the input register on channels that are not masked
(blocked) by the LDAC mask register.
2
When LDAC is permanently tied low, the LDAC mask bits are ignored.
SCLK
DAC
REGISTER
INTERFACE
LOGIC
AMPLIFIER
LDAC
INPUT
REGISTER
SDI
16-BIT
DAC
VOUTX
VREF
1
X means don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com