Electronic Components Datasheet Search
  English  ▼

X  

AD5675R Datasheet(PDF) 7 Page - Analog Devices

Part # AD5675R
Description  16-Channel, 12-/16-Bit nanoDAC with 2 ppm/°C Voltage Reference Temperature Coefficient, SPI Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5675R Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5675R Datasheet HTML 3Page - Analog Devices AD5675R Datasheet HTML 4Page - Analog Devices AD5675R Datasheet HTML 5Page - Analog Devices AD5675R Datasheet HTML 6Page - Analog Devices AD5675R Datasheet HTML 7Page - Analog Devices AD5675R Datasheet HTML 8Page - Analog Devices AD5675R Datasheet HTML 9Page - Analog Devices AD5675R Datasheet HTML 10Page - Analog Devices AD5675R Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Data Sheet
AD5674/AD5674R/AD5679/AD5679R
Rev. B | Page 7 of 32
AC CHARACTERISTICS
VDD = 2.7 V to 5.5 V, 1.62 V ≤ VLOGIC ≤ 5.5 V, RL = 2 kΩ to GND, CL = 200 pF to GND, all specifications are TJ = −40°C to +125°C, typical
at TA = 25°C, unless otherwise noted.
Table 4.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
OUTPUT VOLTAGE SETTLING TIME1
6
8
µs
¼ to ¾ scale settling to ±2 LSB
SLEW RATE
0.8
V/µs
DIGITAL-TO-ANALOG GLITCH IMPULSE1
1.4
nV-sec
1 LSB change around major carry (internal reference, gain = 1)
DIGITAL FEEDTHROUGH1
0.13
nV-sec
CROSSTALK1
Digital
0.1
nV-sec
Analog
−0.25
nV-sec
−1.3
nV-sec
Internal reference, gain = 2
DAC-to-DAC
−2.0
nV-sec
Internal reference, gain = 2
TOTAL HARMONIC DISTORTION2
−80
dB
At TA, bandwidth = 20 kHz, VDD = 5 V, output frequency (fOUT) = 1 kHz,
internal reference, gain = 2
OUTPUT NOISE SPECTRAL DENSITY1
300
nV/√Hz
DAC code = midscale, 10 kHz, gain = 2
OUTPUT NOISE1
6
µV p-p
0.1 Hz to 10 Hz, gain = 1
SIGNAL-TO-NOISE RATIO (SNR)
90
dB
At TA = 25°C, bandwidth = 20 kHz, VDD = 5 V, fOUT = 1 kHz, internal
reference
SPURIOUS-FREE DYNAMIC RANGE
(SFDR)
83
dB
At TA = 25°C, bandwidth = 20 kHz, VDD = 5 V, fOUT = 1 kHz, internal
reference
SIGNAL-TO-NOISE-AND-DISTORTION
RATIO (SINAD)
80
dB
At TA = 25°C, bandwidth = 20 kHz, VDD = 5 V, fOUT = 1 kHz, internal
reference, gain = 2
1
See the Terminology section. Measured using internal reference and gain = 1, unless otherwise noted.
2
Digitally generated sine wave (fOUT) at 1 kHz.
TIMING CHARACTERISTICS
All input signals are specified with rise time (tR) = fall time (tF) = 1 ns/V (10% to 90% of VDD) and timed from a voltage level of (VINL +
VINH)/2. See Figure 2. VDD = 2.7 V to 5.5 V, 1.62 V ≤ VLOGIC ≤ 5.5 V. VREF = 2.5 V. All specifications are TJ = −40°C to +125°C, unless
otherwise noted.
Table 5.
1.62V ≤ VLOGIC < 2.7 V
2.7V ≤ VLOGIC ≤ 5.5 V
Parameter
Symbol
Min
Max
Min
Max
Unit
SCLK Cycle Time
t1
20
20
ns
SCLK High Time
t2
8
8
ns
SCLK Low Time
t3
10
12
ns
SYNC to SCLK Falling Edge Setup Time
t4
15
11
ns
Data Setup Time
t5
2
3
ns
Data Hold Time
t6
2
2
ns
SCLK Falling Edge to SYNC Rising Edge
t7
4
4
ns
Minimum SYNC High Time
t8
15
12
ns
SYNC Rising Edge to SYNC Rising Edge (DAC Register Updates)
t9
870
830
ns
SYNC Falling Edge to SCLK Fall Ignore
t10
4
4
ns
LDAC Pulse Width Low
t11
12
12
ns
SYNC Rising Edge to LDAC Rising Edge
t12
27
27
ns
SYNC Rising Edge to LDAC Falling Edge
t13
25
25
ns
LDAC Falling Edge to SYNC Rising Edge
t14
840
840
ns
Minimum Pulse Width Low
t15
8
10
ns
Pulse Activation Time
t16
115
115
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com