Electronic Components Datasheet Search
  English  ▼

X  

LTC2909 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2909
Description  Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2909 Datasheet(HTML) 3 Page - Linear Technology

  LTC2909 Datasheet HTML 1Page - Linear Technology LTC2909 Datasheet HTML 2Page - Linear Technology LTC2909 Datasheet HTML 3Page - Linear Technology LTC2909 Datasheet HTML 4Page - Linear Technology LTC2909 Datasheet HTML 5Page - Linear Technology LTC2909 Datasheet HTML 6Page - Linear Technology LTC2909 Datasheet HTML 7Page - Linear Technology LTC2909 Datasheet HTML 8Page - Linear Technology LTC2909 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC2909
3
2909fa
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 2.5V (LTC2909-2.5), VCC = 3.3V (LTC2909-3.3), VCC = 5V
(LTC2909-5), ADJ1 = ADJ2 = 0.55V, SEL = floating, unless otherwise noted. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC(MIN)
Operating Supply Voltage
⎯R⎯S⎯T in Correct State
●
0.5
V
VCC(SHUNT)
VCC Shunt Regulation Voltage
IVCC = 1mA, IVREF = 0
●
6.0
6.5
6.9
V
ICC
VCC Input Current
2.175 < VCC < 6V
●
50
150
µA
VRT
ADJ Input Threshold
●
0.492
0.500
0.508
V
ΔVRT
ADJ Hysteresis (Note 4)
TMR = VCC
1.5
3.5
10.0
mV
IADJ
ADJ Input Current
VADJ = 0.55V
●
±15
nA
VCC(UVLO)
VCC UVLO Threshold
LTC2909-2.5
LTC2909-3.3
LTC2909-5
●
●
●
2.175
2.871
4.350
2.213
2.921
4.425
2.250
2.970
4.500
V
V
V
ΔVCC(UVLO)
UVLO Hysteresis (Note 4)
TMR = VCC
0.3
0.7
2.0
%
VREF
Buffered Reference Voltage
VCC > 2.175V, IVREF = ±1mA
●
0.985
1.000
1.015
V
ITMR(UP)
TMR Pull-Up Current
VTMR = 1V
●
–1.5
–2.1
–2.7
µA
ITMR(DOWN)
TMR Pull-Down Current
VTMR = 1V
●
1.5
2.1
2.7
µA
t⎯R⎯S⎯T(EXT)
Reset Timeout Period, External
CTMR = 2.2nF
●
16
20
25
ms
t⎯R⎯S⎯T(INT)
Reset Timeout Period, Internal
VTMR = 0V
●
150
200
260
ms
VTMR(DIS)
Timer Disable Voltage
VTMR Rising
●
VCC
– 0.36
VCC
– 0.25
VCC
– 0.16
V
ΔVTMR(DIS)
Timer Disable Hysteresis
VTMR Falling
●
60
110
150
mV
VTMR(INT)
Timer Internal Mode Voltage
VTMR Falling
●
0.14
0.21
0.27
V
ΔVTMR(INT)
Timer Internal Mode Hysteresis
VTMR Rising
●
40
70
110
mV
tPROP
ADJx Comparator Propagation Delay
to
⎯R⎯S⎯T
ADJx Driven Beyond Reset Threshold
(VRTX) by 5mV
●
50
150
500
µs
tUV
VCC Undervoltage Detect to ⎯R⎯S⎯TVCC Less Than UVLO Threshold
(VCC(UVLO)) by 1%
●
50
150
500
µs
VOL(⎯R⎯S⎯T)
⎯R⎯S⎯T Output Voltage Low
VCC = 0.5V, I = 5µA
VCC = 1V, I = 100µA
VCC = 3V, I = 2500µA
●
●
●
0.01
0.01
0.10
0.15
0.15
0.30
V
V
V
IOH(⎯R⎯S⎯T)
⎯R⎯S⎯T Output Voltage High Leakage
⎯R⎯S⎯T = VCC
●
±1
µA
Three-State Input SEL
VIL
Low Level Input Voltage
●
0.4
V
VIH
High Level Input Voltage
●
1.4
V
VZ
Pin Voltage when Left in Open State
ISEL = 0µA
0.9
V
ISEL(Z)
Allowable Leakage in Open State
●
±5
±10
µA
µA
ISEL
SEL Input Current
SEL = VCC or SEL = GND
●
±25
µA
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into pins are positive; all voltages are referenced to
GND unless otherwise noted.
Note 3: VCC maximum pin voltage is limited by input current. Since the
VCC pin has an internal 6.5V shunt regulator, a low impedance supply
which exceeds 6V may exceed the rated terminal current. Operation
from higher voltage supplies requires a series dropping resistor. See
Applications Information.
Note 4: Threshold voltages have no hysteresis unless the part is in
comparator mode. Hysteresis is one-sided, affecting only invalid-to-valid
transitions. See Applications Information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com