Electronic Components Datasheet Search
  English  ▼

X  

LTC2909 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2909
Description  Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2909 Datasheet(HTML) 4 Page - Linear Technology

  LTC2909 Datasheet HTML 1Page - Linear Technology LTC2909 Datasheet HTML 2Page - Linear Technology LTC2909 Datasheet HTML 3Page - Linear Technology LTC2909 Datasheet HTML 4Page - Linear Technology LTC2909 Datasheet HTML 5Page - Linear Technology LTC2909 Datasheet HTML 6Page - Linear Technology LTC2909 Datasheet HTML 7Page - Linear Technology LTC2909 Datasheet HTML 8Page - Linear Technology LTC2909 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC2909
4
2909fa
ADJ Threshold Voltage
vs Temperature
VCC UVLO Threshold Variation
vs Temperature
REF Output Voltage
vs Temperature
REF Output Load Regulation
Quiescent Supply Current
vs Temperature
Allowable Glitch Duration
vs Magnitude
External Timeout Period
vs Capacitance
Reset Timeout Period
vs Temperature
TYPICAL PERFOR A CE CHARACTERISTICS TA = 25°C unless otherwise noted
TEMPERATURE (
°C)
–50
506
25
2909 G01
500
496
–25
0
50
494
492
508
504
502
498
75
100
125
TEMPERATURE (
°C)
–50
0.5
1.0
1.5
25
75
2909 G02
0
–0.5
–25
0
50
100
125
–1.0
–1.5
TEMPERATURE (
°C)
–50
1.005
1.010
0.015
25
75
2909 G03
1.000
0.995
–25
0
50
100
125
0.990
0.985
IREF = 0A
LOAD CURRENT, IREF (mA)
–1
0.985
0.990
0.995
1.000
1.005
1.010
1.015
VCC = 2.5V
–0.5
0
0.5
1
2909 G04
TA = 125°C
TA = 25°C
TA = –40°C
REF Output Line Regulation
SUPPLY VOLTAGE, VCC (V)
2
0.985
0.990
0.995
1.000
1.005
34
5
6
2909 G05
1.010
1.015
2.5
3.5
4.5
5.5
TA = 125°C
IREF = 0A
TA = 25°C
TA = –40°C
GLITCH PERCENTAGE PAST THRESHOLD (%)
0.1
400
500
600
700
1
10
100
2909 G07
300
200
100
0
RESET OCCURS
ABOVE CURVE
TMR PIN CAPACITANCE, CTMR (nF)
10
100
1000
10000
0.1
10
100
1000
2909 G08
1
1
TEMPERATURE (
°C)
–50
220
240
260
25
75
2909 G09
200
180
–25
0
50
100
125
160
140
INTERNAL
EXTERNAL WITH
22nF CAPACITOR
TEMPERATURE (
°C)
–50
55
25
2909 G06
40
30
–25
0
50
25
20
60
50
45
35
75
100
125
ADJ1 = 0.55V
ADJ2 = 0.45V
SEL = OPEN
VCC = 5V
VCC = 3.3V
VCC = 2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com