Electronic Components Datasheet Search
  English  ▼

X  

LTC2909 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2909
Description  Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2909 Datasheet(HTML) 5 Page - Linear Technology

  LTC2909 Datasheet HTML 1Page - Linear Technology LTC2909 Datasheet HTML 2Page - Linear Technology LTC2909 Datasheet HTML 3Page - Linear Technology LTC2909 Datasheet HTML 4Page - Linear Technology LTC2909 Datasheet HTML 5Page - Linear Technology LTC2909 Datasheet HTML 6Page - Linear Technology LTC2909 Datasheet HTML 7Page - Linear Technology LTC2909 Datasheet HTML 8Page - Linear Technology LTC2909 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC2909
5
2909fa
Shunt Regulation Voltage
vs Temperature
⎯R⎯S⎯T Output Voltage vs VCC
⎯R⎯S⎯T Pull-Down Current vs VCC
⎯R⎯S⎯T VOL vs I⎯R⎯S⎯T
ISEL vs Temperature
TYPICAL PERFOR A CE CHARACTERISTICS TA = 25°C unless otherwise noted
TEMPERATURE (
°C)
–50
6.0
6.4
7.0
0
50
75
2909 G10
6.2
6.8
6.6
–25
25
100
125
ICC = 10mA
ICC = 1mA
ICC = 100µA
⎯R⎯S⎯T Output Voltage vs VCC
Shunt Regulation Voltage
vs Supply Current
SUPPLY CURRENT, ICC (mA)
7.0
6.2
6.8
6.6
6.4
0.01
1
10
100
2909 G11
6.0
0.1
TA = 25°C
SUPPLY VOLTAGE, VCC (V)
0
3
4
5
4
2909 G12
2
1
0
1
2
3
5
LTC2909-2.5
LTC2909-5
LTC2909-3.3
ADJ1 = 0.55
ADJ2 = 0.45
SEL = OPEN
10k PULL-UP R TO VCC
SUPPLY VOLTAGE, VCC (V)
0
0
0.1
0.2
0.3
0.4
0.1
0.2
0.3
0.4
2909 G13
0.5
0.6
0.7
0.8
RST WITH 10k PULL-UP
RST WITH 100k PULL-UP
VCC
SUPPLY VOLTAGE, VCC (V)
0
0
1
2
3
4
5
6
123
4
2909 G14
5
ADJ1 = 0.55
ADJ2 = 0.55
SEL = OPEN
RST AT 150mV
RST AT 50mV
⎯R⎯S⎯T Pull-Down Current vs VCC
SUPPLY VOLTAGE, VCC (V)
0.01
0.1
1
0
0.4
0.6
0.8
0.001
0.0001
0.2
1
2909 G15
RST AT 150mV
RST AT 50mV
ISEL vs Temperature
IRST (mA)
0
0
0.2
0.4
0.6
0.8
1.0
5
10
15
20
1635 G07
25
30
VCC = 3V
NO PULL-UP R
TA = 125°C
TA = –40°C
TA = 25°C
TEMPERATURE (
°C)
–50
–25
–10
–14
–20
0
50
75
2909 G17
–12
–18
–16
25
100
125
SEL = GND
TEMPERATURE (
°C)
–50
–25
10
14
20
0
50
75
2909 G18
12
18
16
25
100
125
SEL = VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com