Electronic Components Datasheet Search
  English  ▼

X  

LTC2909 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2909
Description  Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2909 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2909 Datasheet HTML 2Page - Linear Technology LTC2909 Datasheet HTML 3Page - Linear Technology LTC2909 Datasheet HTML 4Page - Linear Technology LTC2909 Datasheet HTML 5Page - Linear Technology LTC2909 Datasheet HTML 6Page - Linear Technology LTC2909 Datasheet HTML 7Page - Linear Technology LTC2909 Datasheet HTML 8Page - Linear Technology LTC2909 Datasheet HTML 9Page - Linear Technology LTC2909 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC2909
6
2909fa
PI FU CTIO S
ADJ1 (Pin 1/Pin 8): Adjustable Voltage Input 1. Input to
voltage monitor comparator 1 (0.5V nominal threshold).
The polarity of the input is selected by the state of the
SEL pin (refer to Table 1). Tie to REF if unused (with SEL
= VCC or Open).
ADJ2 (Pin 2/Pin 7): Adjustable Voltage Input 2. Input to
voltage monitor comparator 2 (0.5V nominal threshold).
The polarity of the input is selected by the state of the
SEL pin (refer to Table 1). Tie to GND if unused (with SEL
= GND or Open).
REF (Pin 3/Pin 6): Buffered Reference Output. 1V nominal
reference used for the offset of negative-monitoring appli-
cations. The buffered reference can source and sink 1mA.
The reference can drive a capacitive load of up to 1000pF.
Larger capacitance may degrade transient performance.
This pin does not require a bypass capacitor, nor is one
recommended. Leave open if unused.
GND (Pin 4/Pin 5): Device Ground.
⎯R⎯S⎯T (Pin 5/Pin 4): Open-Drain Inverted Reset Logic Output.
Asserts low when any positive polarity input voltage is
below threshold or any negative polarity input voltage is
above threshold or VCC is below UVLO threshold. Held low
for a timeout after all voltage inputs are valid. Requires an
external pull-up resistor and may be pulled above VCC.
(TSOT-23/DFN Package)
VCC (Pin 6/Pin 3): Power Supply. Bypass this pin to
ground with a 0.1μF (or greater) capacitor. Operates as
a direct supply input for voltages up to 6V. Operates as a
shunt regulator for supply voltages greater than 6V and
should have a resistor between this pin and the supply
to limit VCC input current to no greater than 10mA. When
used without a current-limiting resistor, pin voltage must
not exceed 6V. UVLO options allow VCC to be used as an
accurate third fixed 10% UV supply monitor.
TMR (Pin 7/Pin 2): Reset Timeout Control. Attach an
external capacitor (CTMR) to GND to set a reset timeout
of 9ms/nF. A low leakage ceramic capacitor is recom-
mended for timer accuracy. Capacitors larger than 1μF
(9 second timeout) are not recommended. See Applica-
tions Information for further details. Leaving this pin open
generates a minimum timeout of approximately 400μs. A
2.2nF capacitor will generate a 20ms timeout. Tying this
pin to ground will enable the internal 200ms timeout. Ty-
ing this pin to VCC will disable the reset timer and put the
part in comparator mode. Signals from the comparator
outputs will then go directly to
⎯R⎯S⎯T.
SEL (Pin 8/Pin 1): Input Polarity Select Three-State Input.
Connect to VCC, GND or leave unconnected in open state
to select one of three possible input polarity combinations
(refer to Table 1).
Exposed Pad (Pin 9, DFN Only): The Exposed Pad may be
left unconnected. For better thermal contact, tie to a PCB
trace. This trace must be grounded or unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com