Electronic Components Datasheet Search
  English  ▼

X  

LTC3217 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3217
Description  600mA Low Noise Multi-LED Camera Light Charge Pump
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3217 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3217 Datasheet HTML 3Page - Linear Technology LTC3217 Datasheet HTML 4Page - Linear Technology LTC3217 Datasheet HTML 5Page - Linear Technology LTC3217 Datasheet HTML 6Page - Linear Technology LTC3217 Datasheet HTML 7Page - Linear Technology LTC3217 Datasheet HTML 8Page - Linear Technology LTC3217 Datasheet HTML 9Page - Linear Technology LTC3217 Datasheet HTML 10Page - Linear Technology LTC3217 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LTC3217
7
3217f
OPERATIO
Table 1. Charge Pump Output Regulation Voltages
CHARGE PUMP MODE
REGULATED VCPO
1.5x
4.5V
2x
5.05V
The LED currents are delivered by the four programmable
current sources. Three discrete current settings (Low, High,
Low + High) are available and may be selected via the EN1 and
EN2 pins. The values of these currents may be selected by
choosing the appropriate programming resistors. Each re-
sistor is connected between the ISET1 or ISET2 pin to ground.
The resistor values required to attain the desired current
levels can be determined by Equation 1.
R
I
SET
LEDx
12
488
/ =
(1)
An RSETx resistor value of 2k or less (i.e., short-circuit) will
cause the LTC3217 to enter overcurrent shutdown mode.
This mode prevents damage to the part and external LEDs by
shutting down the high power sections of the part.
Each LED output can be disabled by connecting the pin
directly to CPO. Do not leave pins open as this will cause
dropout and subsequently mode changing.
Pulse Width Modulation Option
EN2 can be pulse width modulated to control the
LED brightness. The minimum allowable pulse width is 50
µs
and the maximum low time is 1ms. Pulse width modulating
the EN2 input can be performed with EN1 high or low. If EN1
is high then there is no limitation on the EN2 low time. When
EN1 is low the part would normally go into shutdown
whenever EN2 goes low. Prevention of shutdown in this case
is achieved by an internal timer which delays shutdown until
EN2 has remained low for at least 1ms.
Soft-Start
Initially, when the part is in shutdown, a weak switch con-
nects VBAT toCPO.ThisallowsVBAT toslowlychargetheCPO
output capacitor and prevent large charging currents to
occur.
The LTC3217 also employs a soft-start feature on its charge
pump to prevent excessive inrush current and supply droop
whenswitchingintothestep-upmodes.Thecurrentavailable
to the CPO pin is increased linearly over a typical period of
125
µs. Soft-start occurs at the start of both 1.5x and 2x
mode changes.
Charge Pump Strength and Regulation
Regulation is achieved by sensing the voltage at the CPO pin
and modulating the charge pump strength based on the error
signal. The CPO regulation voltages are set internally, and are
dependent on the charge pump modes as shown in Table 1.
When the LTC3217 operates in either 1.5x mode or 2x mode,
the charge pump can be modeled as a Thevenin-equivalent
circuit to determine the amount of current available from the
effective input voltage and effective open-loop output resis-
tance, ROL (Figure 1).
ROL is dependent on a number of factors including the
switching term, 1/(2fOSC • CFLY), internal switch resis-
tances and the non-overlap period of the switching circuit.
However, for a given ROL, the amount of current available
will be directly proportional to the advantage voltage of
1.5VBAT – VCPO for 1.5x mode and 2VBAT – VCPO for 2x
mode. Consider the example of driving white LEDs from
a 3.1V supply. If the LED forward voltage is 3.8V and the
current sources require 100mV, the advantage voltage for
1.5x mode is 3.1V
• 1.5 - 3.8V – 0.1V or 750mV. Notice
that if the input voltage is raised to 3.2V, the advantage
voltage jumps to 900mV—a 20% improvement in avail-
able strength.
From Figure 1, for 1.5x mode the available current is given by:
I
VV
R
OUT
BAT
CPO
OL
=
15
.–
(2)
For 2x mode, the available current is given by:
I
VV
R
OUT
BAT
CPO
OL
=
2–
(3)
Notice that the advantage voltage in this case is
3.1V
• 2 – 3.8V – 0.1V = 2.3V. ROL is higher in 2x mode
but a significant overall increase in available current
is achieved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com