Electronic Components Datasheet Search
  English  ▼

X  

LTC3217 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3217
Description  600mA Low Noise Multi-LED Camera Light Charge Pump
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3217 Datasheet(HTML) 2 Page - Linear Technology

  LTC3217 Datasheet HTML 1Page - Linear Technology LTC3217 Datasheet HTML 2Page - Linear Technology LTC3217 Datasheet HTML 3Page - Linear Technology LTC3217 Datasheet HTML 4Page - Linear Technology LTC3217 Datasheet HTML 5Page - Linear Technology LTC3217 Datasheet HTML 6Page - Linear Technology LTC3217 Datasheet HTML 7Page - Linear Technology LTC3217 Datasheet HTML 8Page - Linear Technology LTC3217 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC3217
2
3217f
VBAT, CPO to GND ....................................... –0.3V to 6V
EN1, EN2 .................................... –0.3V to (VBAT + 0.3V)
ICPO (Note 2) ....................................................... 600mA
IILED1-4 (Note 3) .................................................. 150mA
CPO Short-Circuit Duration ............................. Indefinite
Operating Temperature Range (Note 4) ...–40
°C to 85°C
Storage Temperature Range ..................–65
°C to 125°C
ORDER PART NUMBER
TJMAX = 125°C, θJA = 68°C/W
EXPOSED PAD (PIN 17) IS GND MUST BE SOLDERED TO PCB
LTC3217EUD
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
Consult LTC Marketing for parts specified with wider operating temperature ranges.
QFN PART MARKING
LBTQ
16 15 14 13
5
6
7
8
TOP VIEW
17
UD PACKAGE
16-LEAD (3mm
× 3mm) PLASTIC QFN
9
10
11
12
4
3
2
1
C1P
CPO
EN1
LED1
C2M
EN2
ISET2
ISET1
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VBAT = 3.6V, C1 = C2 = C3 = C4 = 2.2µF, unless otherwise noted.
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VBAT Operating Voltage
●
2.9
4.5
V
IVBAT Operating Current
RISET1 = RISET2 = 20k, EN1 = EN2 = High
ICPO = 0mA, 1x Mode
1
mA
ICPO = 0mA, 1.5x Mode
4
mA
ICPO = 0mA, 2x Mode
6
mA
VBAT Shutdown Current
4
µA
LED 1-4 Current
LED Current Ratio (ILED/ISET1/2)ILED = 25mA to 100mA
●
370
400
430
mA/mA
LED Dropout Voltage
Mode Switch Threshold, ILED = 100mA
330
mV
Mode Switching Delay
EN1 Only
2.5
ms
LED Current Matching
Any Two Outputs, ILED = 100mA
1
%
Charge Pump (CPO)
1x Mode Output Voltage
ICPO = 0mA
VBAT
V
1.5x Mode Output Voltage
ICPO = 0mA
4.5
V
2x Mode Output Voltage
ICPO = 0mA
5.05
V
1x Mode Output Impedance
0.5
Ω
1.5x Mode Output Impedance
VBAT = 3.4V, VCPO ≤ 4.6V (Note 5)
2.8
Ω
2x Mode Output Impedance
VBAT = 3.2V, VCPO ≤ 5.1V (Note 5)
3.2
Ω
CLOCK Frequency
●
0.6
0.85
1.15
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com