Electronic Components Datasheet Search
  English  ▼

X  

LTC3217 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3217
Description  600mA Low Noise Multi-LED Camera Light Charge Pump
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3217 Datasheet(HTML) 3 Page - Linear Technology

  LTC3217 Datasheet HTML 1Page - Linear Technology LTC3217 Datasheet HTML 2Page - Linear Technology LTC3217 Datasheet HTML 3Page - Linear Technology LTC3217 Datasheet HTML 4Page - Linear Technology LTC3217 Datasheet HTML 5Page - Linear Technology LTC3217 Datasheet HTML 6Page - Linear Technology LTC3217 Datasheet HTML 7Page - Linear Technology LTC3217 Datasheet HTML 8Page - Linear Technology LTC3217 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LTC3217
3
3217f
ELECTRICAL CHARACTERISTICS
TYPICAL PERFOR A CE CHARACTERISTICS
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VBAT = 3.6V, C1 = C2 = C3 = C4 = 2.2µF, unless otherwise noted.
Note 1: Absolute Maximum Ratings are those values beyond which the life of
a device may become impaired.
Note 2: Based on charge pump long-term current density limitations.
Assumes an operating duty cycle of
≤ 10% under absolute maximum
conditions for durations less than 10 seconds. Maximum current for
continuous operation is 300mA.
Note 3: Based on LED current source long-term current density limitations.
Assumes an operating duty cycle of
≤ 10% under absolute maximum
conditions for durations less than 10 seconds. Maximum current for
continuous operation is 100mA.
Note 4: The LTC3217E is guaranteed to meet performance specifications
from 0
°C to 70°C. Specifications over the –40°C to 85°C ambient operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 5: 1.5x mode output impedance is defined as (1.5VBAT – VCPO)/IOUT.
2x mode output impedance is defined as (2VBAT – VCPO)/IOUT.
LED Dropout Voltage
vs LED Current
LED CURRENT (mA)
10
0
100
200
300
400
20
30
40
50
3217 G01
60
70
80
90 100
VBAT = 3.6V
LED PIN VOLTAGE (V)
0
0
20
40
60
80
100
120
0.2
0.4
0.6
0.8
3217 G02
1.0
VBAT = 3.6V
RISET (kΩ)
0
40
80
120
20
60
100
10
20
30
40
3217 G03
50
5
015
25
35
45
LED Pin Current
vs LED Pin Voltage
ILED vs RISET
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
EN1, EN2
Low Level Input Voltage (VIL)
●
0.4
V
High Level Input Voltage (VIH)
●
1.4
V
Input Current (IIH)
●
730
µA
Input Current (IIL)
●
–1
1
µA
Minimum PWM On-Time
EN2 Only
●
50
µs
Maximum PWM Off-Time
EN2 to Remain Enabled, EN1 = Low
●
1ms
ISET1, ISET2
VISET1, ISET2
ILED1-4 = 12.5mA
●
1.175
1.215
1.255
V
IISET1, ISET2 Current Range
●
31.25
375
µA
IISET1, ISET2 Short-Circuit Current
800
µA
TA = 25°C unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com