Electronic Components Datasheet Search
  English  ▼

X  

LTC3217 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3217
Description  600mA Low Noise Multi-LED Camera Light Charge Pump
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3217 Datasheet(HTML) 4 Page - Linear Technology

  LTC3217 Datasheet HTML 1Page - Linear Technology LTC3217 Datasheet HTML 2Page - Linear Technology LTC3217 Datasheet HTML 3Page - Linear Technology LTC3217 Datasheet HTML 4Page - Linear Technology LTC3217 Datasheet HTML 5Page - Linear Technology LTC3217 Datasheet HTML 6Page - Linear Technology LTC3217 Datasheet HTML 7Page - Linear Technology LTC3217 Datasheet HTML 8Page - Linear Technology LTC3217 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC3217
4
3217f
VBAT Shutdown Current
vs VBAT Voltage
Oscillator Frequency
vs Supply Voltage
Efficiency vs VBAT
VBAT VOLTAGE (V)
2.9
1.5
2.5
3.5
4.5
5.5
3.3
3.7
4.1
4.5
3217 G07
6.5
7.5
3.1
3.5
3.9
4.3
TA = 85°C
TA = 25°C
TA = –40°C
VBAT SUPPLY VOLTAGE (V)
2.9
880
890
910
920
930
980
950
3.3
3.7
3.9
3217 G08
900
960
970
940
3.1
3.5
4.1
4.3
4.5
TA = –40°C
TA = 25°C
TA = 85°C
VBAT (V)
3
0
10
30
40
50
100
70
3.4
3.8
4
3217 G09
20
80
90
60
3.2
3.6
4.2
4.4
TOTAL OUTPUT CURRENT
PLED/PIN
LED = 2015 HPW AOT
100mA
200mA
400mA
1.5x Mode CPO Output Ripple
2x Mode CPO Output Ripple
Charge Pump Mode Switching
and Input Current to Ground
(400mA Load)
VCPO
50mV/DIV
AC COUPLED
500ns/DIV
VBAT = 3.6V
ICPO = 400mA
CCPO = 2.2µF
3217 G10
VCPO
20mV/DIV
AC COUPLED
500ns/DIV
3217 G11
VBAT = 3.6V
ICPO = 400mA
CCPO = 2.2µF
VCPO
1V/DIV
IVBAT
500mA/DIV
0
EN1
5V/DIV
1ms/DIV
1x
NO LOAD
1x
DROPOUT
DROPOUT
1.5x
2x
(5V)
VIN = 3.6V
3217 G12
1x Mode Switch Resistance
vs Temperature
1.5x Mode Charge Pump Open-Loop
Output Resistance vs Temperature
(1.5VBAT – VCPO)/ICPO
TEMPERATURE (
°C)
–40
0.35
0.40
0.45
0.50
0.55
0.60
0.65
–15
10
35
60
3217 G04
85
ICPO = 200mA
VBAT = 3.3V
VBAT = 3.9V
VBAT = 3.6V
TEMPERATURE (
°C)
–40
2.0
2.2
2.4
2.6
2.8
3.0
3.2
–15
10
35
60
3217 G05
85
VBAT = 3V
VCPO = 4.2V
C2 = C3 = C4 = 2.2
µF
2x Mode Charge Pump Open-Loop
Output Resistance vs Temperature
(2VBAT – VCPO)/ICPO
TEMPERATURE (
°C)
–40
2.6
2.8
3.0
3.2
3.4
3.6
3.8
–15
10
35
60
3217 G06
85
VBAT = 3V
VCPO = 4.8V
C2 = C3 = C4 = 2.2
µF
TYPICAL PERFOR A CE CHARACTERISTICS TA = 25°C unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com