Electronic Components Datasheet Search
  English  ▼

X  

LTC3217 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3217
Description  600mA Low Noise Multi-LED Camera Light Charge Pump
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3217 Datasheet(HTML) 5 Page - Linear Technology

  LTC3217 Datasheet HTML 1Page - Linear Technology LTC3217 Datasheet HTML 2Page - Linear Technology LTC3217 Datasheet HTML 3Page - Linear Technology LTC3217 Datasheet HTML 4Page - Linear Technology LTC3217 Datasheet HTML 5Page - Linear Technology LTC3217 Datasheet HTML 6Page - Linear Technology LTC3217 Datasheet HTML 7Page - Linear Technology LTC3217 Datasheet HTML 8Page - Linear Technology LTC3217 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LTC3217
5
3217f
PI FU CTIO S
1.5x Mode CPO Voltage
vs Load Current
LOAD CURRENT (mA)
3.6
4.0
4.4
4.8
3.8
4.2
4.6
100
200
300
400
3217 G13
500
0
C2 = C3 = C4 = 2.2
µF
VBAT = 3V
3.2V
3.3V
3.6V
3.1V
3.5V
3.4V
2x Mode CPO Voltage
vs Load Current
LOAD CURRENT (mA)
0
4.8
5.0
5.2
400
3217 G14
4.6
4.4
4.7
4.9
5.1
4.5
4.3
4.2
100
200
300
500
C2 = C3 = C4 = 2.2
µF
VBAT = 3V
3.1V
3.2V
3.3V
3.6V
C1P, C2P, C1M, C2M (Pins 1, 16, 14, 12): Charge Pump
Flying Capacitor Pins. A 2.2
µFX7RorX5Rceramiccapaci-
tor should be connected from C1P to C1M and C2P to C2M.
CPO (Pin 2): Output of the charge pump used to power all
LEDs. This pin is enabled or disabled using the EN1 and
EN2 inputs. A 2.2
µF X5R or X7R ceramic capacitor should
be connected to ground.
EN1, EN2 (Pins 3, 11): Inputs. The EN1 and EN2 pins are
used to select which current level is being supplied to the
LEDs, as well as to put the part into shutdown mode. The
truth table for these pins is as follows:
Truth Table
EN1
EN2
MODE
0
0
Shutdown
1
0
Low Current
0
1
High Current
1
1
Low + High Current
EN2 can be used for PWM of the LED currents. For proper
operation, the minimum pulse width should be 50
µs and
the maximum low time should be 1ms if EN1 is low. If EN1
is high then the 1ms low time limitation does not apply.
LED1, LED2, LED3, LED4 (Pins 4, 5, 6, 7): LED1 to LED4
are the current source outputs. Each LED is connected in
between CPO (anodes) and LED1 – 4 (cathodes). The
current to each LED output is set via the EN1 and EN2
inputs, and the programming resistors connected from
ISET1 and ISET2 to GND. Any of the four LED outputs can
be disabled by connecting the output directly to CPO.
10
µA of current will flow through each directly connected
LED output. For single LED applications, all four LED pins
may be tied together and will accurately share current.
GND2 (Pin 8): Analog Ground. This pin should be
connected directly to a low impedance ground plane.
ISET1/ISET2 (Pins 9, 10): LED Current Programming
Resistor Pins. The ISET1 and ISET2 pins will servo to 1.22V.
Resistors connected between each of these pins and GND
are used to set the high and low LED current levels.
Connecting a resistor 2k or less will cause the LTC3217 to
enter over-current shutdown.
GND1 (Pin 13): Charge Pump Ground. This pin should be
connected directly to a low impedance ground plane.
VBAT (Pin 15): Supply Voltage. This pin should be
bypassed with a 2.2
µF, or greater low ESR ceramic
capacitor.
Exposed Pad (Pin 17): This pad should be connected
directly to a low impedance ground plane for optimal
thermal and electrical performance.
TYPICAL PERFOR A CE CHARACTERISTICS TA = 25°C unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com