Electronic Components Datasheet Search
  English  ▼

X  

LTC3417 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3417
Description  Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3417 Datasheet(HTML) 1 Page - Linear Technology

  LTC3417 Datasheet HTML 1Page - Linear Technology LTC3417 Datasheet HTML 2Page - Linear Technology LTC3417 Datasheet HTML 3Page - Linear Technology LTC3417 Datasheet HTML 4Page - Linear Technology LTC3417 Datasheet HTML 5Page - Linear Technology LTC3417 Datasheet HTML 6Page - Linear Technology LTC3417 Datasheet HTML 7Page - Linear Technology LTC3417 Datasheet HTML 8Page - Linear Technology LTC3417 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LTC3417
3417fb
■ PDAs/Palmtop PCs
■ Digital Cameras
■ Cellular Phones
■ PC Cards
■ Wireless and DSL Modems
Dual Synchronous
1.4A/800mA 4MHz
Step-Down DC/DC Regulator
■ High Efficiency: Up to 95%
■ 1.4A/800mA Guaranteed Minimum Output Current
■ No Schottky Diodes Required
■ Programmable Frequency Operation: 1.5MHz or
Adjustable From 0.6MHz to 4MHz
■ Low RDS(ON) Internal Switches
■ Short-Circuit Protected
■ VIN: 2.25V to 5.5V
■ Current Mode Operation for Excellent Line and Load
Transient Response
■ 125
µA Quiescent Current in Sleep Mode
■ Ultralow Shutdown Current: IQ < 1µA
■ Low Dropout Operation: 100% Duty Cycle
■ Power Good Output
■ Phase Pin Selects 2nd Channel Phase Relationship
with Respect to 1st Channel
■ Internal Soft-Start with Individual Run Pin Control
■ Available in Small Thermally Enhanced
(5mm
× 3mm) DFN and 20-Lead TSSOP Packages
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
The LTC
®3417 is a dual constant frequency, synchronous
step-down DC/DC converter. Intended for medium power
applications, it operates from a 2.25V to 5.5V input voltage
range and has a constant programmable switching fre-
quency, allowing the use of tiny, low cost capacitors and
inductors 2mm or less in height. Each output voltage is
adjustable from 0.8V to 5V. Internal synchronous low
RDS(ON) power switches provide high efficiency without
the need for external Schottky diodes.
A user selectable mode input allows the user to trade off
ripple voltage for light load efficiency. Burst Mode
® opera-
tion provides high efficiency at light loads, while Pulse
Skip mode provides low ripple noise at light loads. A phase
mode pin allows the second channel to operate in-phase
or 180
° out-of-phase with respect to channel 1. Out-of-
phase operation produces lower RMS current on VIN and
thus lower RMS derating on the input capacitor.
To further maximize battery life, the P-channel MOSFETs
are turned on continuously in dropout (100% duty cycle)
and both channels draw a total quiescent current of only
125
µA. In shutdown, the device draws <1µA.
OUT2 Efficiency
(Burst Mode Operation)
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
Burst Mode is a registered trademark of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Protected by U.S. Patents, including 5481178, 6580258, 6304066, 6127815, 6498466,
6611131, 6144194
LOAD CURRENT (A)
0.001
70
90
95
100
0.01
0.1
1
3417 TA01a
85
80
75
0.001
0.01
0.1
1
10
0.0001
EFFICIENCY
REFER TO FIGURE 4
POWER LOSS
VIN = 3.6V
VOUT = 2.5V
FREQ = 1MHz
FREQ
SW1
RUN1
VFB1
ITH1
SW2
RUN2
VFB2
ITH2
VIN
LTC3417
GND
10
µF
1.5
µH
2.2
µH
22pF
511k
22pF
866k
VIN
VIN
412k
412k
10
µF
5.9k
2.87k
2200pF
6800pF
3417 TA01
22
µF
VOUT1
1.8V
1.4A
VOUT2
2.5V
800mA
VIN
2.5V TO 5.5V


Similar Part No. - LTC3417

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3417A LINER-LTC3417A Datasheet
1Mb / 20P
Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator
LTC3417A LINER-LTC3417A Datasheet
321Kb / 22P
Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator
LTC3417A-1 LINER-LTC3417A-1 Datasheet
350Kb / 20P
Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator with POR
LTC3417A-1 LINER-LTC3417A-1_15 Datasheet
350Kb / 20P
Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator with POR
LTC3417A-2 LINER-LTC3417A-2 Datasheet
337Kb / 20P
Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator
More results

Similar Description - LTC3417

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3407-2 LINER-LTC3407-2 Datasheet
219Kb / 16P
Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
logo
Micrel Semiconductor
MIC2238 MICREL-MIC2238 Datasheet
786Kb / 16P
Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
logo
Linear Technology
LTC3407-4 LINER-LTC3407-4 Datasheet
244Kb / 16P
Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407A-2 LINER-LTC3407A-2 Datasheet
270Kb / 16P
Dual Synchronous 800mA,2.25MHz Step-Down DC/DC Regulator
logo
Micrel Semiconductor
MIC2230 MICREL-MIC2230_10 Datasheet
1Mb / 18P
Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
logo
Linear Technology
LTC3417A LINER-LTC3417A_15 Datasheet
321Kb / 22P
Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator
LTC3407-2 LINER-LTC3407-2_15 Datasheet
264Kb / 16P
Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407-4 LINER-LTC3407-4_15 Datasheet
273Kb / 14P
Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407A-2 LINER-LTC3407A-2_15 Datasheet
280Kb / 16P
Dual Synchronous 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3417 LINER-LTC3417_15 Datasheet
381Kb / 20P
Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com