Electronic Components Datasheet Search
  English  ▼

X  

LTC3417 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3417
Description  Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3417 Datasheet(HTML) 3 Page - Linear Technology

  LTC3417 Datasheet HTML 1Page - Linear Technology LTC3417 Datasheet HTML 2Page - Linear Technology LTC3417 Datasheet HTML 3Page - Linear Technology LTC3417 Datasheet HTML 4Page - Linear Technology LTC3417 Datasheet HTML 5Page - Linear Technology LTC3417 Datasheet HTML 6Page - Linear Technology LTC3417 Datasheet HTML 7Page - Linear Technology LTC3417 Datasheet HTML 8Page - Linear Technology LTC3417 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LTC3417
3417fb
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IS
Input DC Supply Current (Note 4)
Active Mode
VFB1 = VFB2 = 0.75V, VMODE = VIN,
400
600
µA
VRUN1 = VRUN2 = VIN
Half Active Mode (VRUN2 = 0V, 1.4A Only)
VFB1 = 0.75V, VMODE = VIN, VRUN1 = VIN
260
400
µA
Half Active Mode (VRUN1 = 0V, 800mA Only) VFB2 = 0.75V, VMODE = VIN, VRUN2 = VIN
260
400
µA
Both Channels in Sleep Mode
VFB1 = VFB2 = 1V, VMODE = VIN,
125
250
µA
VRUN1 = VRUN2 = VIN
Shutdown
VRUN1 = VRUN2 = 0V
0.1
1
µA
fOSC
Oscillator Frequency
VFREQ = VIN
1.2
1.5
1.8
MHz
VFREQ: RT = 143k
0.85
1
1.25
MHz
VFREQ: Resistor (Note 6)
4
MHz
ILIM1
Peak Switch Current Limit on SW1 (1.4A)
1.8
2.25
A
ILIM2
Peak Switch Current Limit on SW2 (800mA)
1
1.2
A
RDS(ON)1
SW1 Top Switch On-Resistance (1.4A)
VIN1 = 3.6V (Note 5)
0.088
Ω
SW1 Bottom Switch On-Resistance
VIN1 = 3.6V (Note 5)
0.084
Ω
RDS(ON)2
SW2 Top Switch On-Resistance (800mA)
VIN2 = 3.6V (Note 5)
0.16
Ω
SW2 Bottom Switch On-Resistance
VIN2 = 3.6V (Note 5)
0.15
Ω
ISW1(LKG)
Switch Leakage Current SW1 (1.4A)
VIN1 = 6V, VITH1 = 0V, VRUN1 = 0V
0.01
1
µA
ISW2(LKG)
Switch Leakage Current SW2 (800mA)
VIN2 = 6V, VITH2 = 0V, VRUN2 = 0V
0.01
1
µA
VUVLO
Undervoltage Lockout Threshold
VIN1, VIN2 Ramping Down
1.9
2.07
2.2
V
VIN1, VIN2 Ramping Up
1.95
2.12
2.25
V
TPGOOD
Threshold for Power Good. Percentage
VFB1 or VFB2 Ramping Up, VMODE = 0V
–6
%
Deviation from VFB Steady State
VFB1 or VFB2 Ramping Down, VMODE = 0V
–6
%
(Typically 0.8V)
RPGOOD
Power Good Pull-Down On-Resistance
160
300
Ω
VRUN1, VRUN2 RUN1, RUN2 Threshold
0.3
0.85
1.5
V
VPHASE
PHASE Threshold High-CMOS Levels
VIN –0.5
V
PHASE Threshold Low-CMOS Levels
0.5
V
IRUN1, IRUN2,
RUN1, RUN2, PHASE and MODE
VIN = 6V, PVIN = 3V
0.01
1
µA
IPHASE, IMODE Leakage Current
VTLMODE
MODE Threshold Voltage Low
0.5
V
VTHMODE
MODE Threshold Voltage High
VIN –0.5
V
VTHFREQ
FREQ Threshold Voltage High
VIN –0.5
V
The
● denotes specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VIN = 3.6V unless otherwise specified. (Note 2)
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3417 is guaranteed to meet specified performance from
0
°C to 85°C. Specifications over the –40°C to 85°C operating ambient
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: The LTC3417 is tested in feedback loop which servos VFB1 to the
midpoint for the error amplifier (VITH1 = 0.6V) and VFB2 to the midpoint for
the error amplifier (VITH2 = 0.6V).
Note 4: Total supply current is higher due to the internal gate charge being
delivered at the switching frequency.
Note 5: Switch on-resistance is guaranteed by design and test correlation
on the DHC package and by final test correlation on the FE package.
Note 6: Variable frequency operation with resistor is guaranteed by design
but not production tested and is subject to duty cycle limitations.
Note 7: This IC includes overtemperature protection that is intended to
protect the device during momentary overload conditions. Junction
temperature will exceed 125
°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
Note 8: TJ is calculated from the ambient temperature, TA, and power
dissipation, PD, according to the following formula:
LTC3417EDHC: TJ = TA + (PD • 43°C/W)
LTC3417EFE: TJ = TA + (PD • 38°C/W)
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com